Electronic Components Datasheet Search
  English  ▼

X  

35SCGQ045 Datasheet(PDF) 1 Page - International Rectifier

Part # 35SCGQ045
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

35SCGQ045 Datasheet(HTML) 1 Page - International Rectifier

  35SCGQ045 Datasheet HTML 1Page - International Rectifier 35SCGQ045 Datasheet HTML 2Page - International Rectifier 35SCGQ045 Datasheet HTML 3Page - International Rectifier 35SCGQ045 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY RECTIFIER
35 Amp, 45V
35SCGQ045
The 35SCGQ045 center tap Schottky rectifier has been
expressly designed to meet the rigorous requirements
of Hi-rel environments. It is packaged in the hermetic
isolated TO-254AA package. The device's forward voltage
drop and reverse leakage current are optimized forthe
lowest power loss and the highest circuit efficiency for
typical high frequency switching power supplies and
resonent power converters. Full MIL-PRF-19500 quality
conformance testing is available on source control
drawings to TX, TXV and S quality levels.
• Hermetically Sealed
• Center Tap
• Low Forward Voltage Drop
• High Frequency Operation
• Guard Ring for Enhanced Ruggedness and Long term
Reliability
• Lightweight
Major Ratings and Characteristics
Description/Features
07/05/05
CASE STYLE
www.irf.com
1
Characteristics
35SCGQ045 Units
IF(AV)
35
A
VRRM (Per Leg)
45
V
IFSM @ tp = 8.3ms half-sine
(Per Leg)
200
A
VF @ 30Apk, TJ =125°C
0.74
V
(Per Leg)
TJ,Tstg Operating and storage -55 to 150
°C
HIGH EFFICIENCY SERIES
PD-93965A
Case Outline and Dimensions - TO-254AA
6.60 [.260]
6.32 [.249]
1.27 [.050]
1.02 [.040]
0.12 [.005]
13.84 [.545]
13.59 [.535]
13.84 [.545]
13.59 [.535]
3.81 [.150]
2X
17.40 [.685]
16.89 [.665]
A
1.14 [.045]
0.89 [.035]
0.36 [.014]
B A
3X
B
20.32 [.800]
20.07 [.790]
3.78 [.149]
3.53 [.139]
123
17.40 [.685]
16.89 [.665]
3.81 [.150]
0.84 [.033]
MAX.
C
ANODE COMMON ANODE
CATHODE
1
23


Similar Part No. - 35SCGQ045

ManufacturerPart #DatasheetDescription
logo
International Rectifier
35SCGQ045 IRF-35SCGQ045 Datasheet
70Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - 35SCGQ045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com