Electronic Components Datasheet Search
  English  ▼

X  

NVSA219B Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NVSA219B
Description  rohs compliant
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSA219B Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NVSA219B Datasheet HTML 1Page - NICHIA CORPORATION NVSA219B Datasheet HTML 2Page - NICHIA CORPORATION NVSA219B Datasheet HTML 3Page - NICHIA CORPORATION NVSA219B Datasheet HTML 4Page - NICHIA CORPORATION NVSA219B Datasheet HTML 5Page - NICHIA CORPORATION NVSA219B Datasheet HTML 6Page - NICHIA CORPORATION NVSA219B Datasheet HTML 7Page - NICHIA CORPORATION NVSA219B Datasheet HTML 8Page - NICHIA CORPORATION NVSA219B Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NICHIA STS-DA1-2797A <Cat.No.130617>
2
RANKS
Item
Rank
Condition
Min
Max
Unit
M1
3.2
3.4
L2
3.0
3.2
Forward Voltage
L1
IF=700mA
2.8
3.0
V
D180
180
200
Luminous Flux
D160
IF=700mA
160
180
lm
Color Rank
Rank L
x
0.603
0.532
0.522
0.589
y
0.397
0.467
0.460
0.393
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±7%
* Chromaticity Coordinate Tolerance: ±0.005
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com