Electronic Components Datasheet Search
  English  ▼

X  

MAX1665XESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1665XESA
Description  Lithium-Ion Battery Pack Protector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1665XESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1665XESA Datasheet HTML 1Page - Maxim Integrated Products MAX1665XESA Datasheet HTML 2Page - Maxim Integrated Products MAX1665XESA Datasheet HTML 3Page - Maxim Integrated Products MAX1665XESA Datasheet HTML 4Page - Maxim Integrated Products MAX1665XESA Datasheet HTML 5Page - Maxim Integrated Products MAX1665XESA Datasheet HTML 6Page - Maxim Integrated Products MAX1665XESA Datasheet HTML 7Page - Maxim Integrated Products MAX1665XESA Datasheet HTML 8Page - Maxim Integrated Products MAX1665XESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Lithium-Ion Battery Pack Protector
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VB2P = 8V (MAX1665S), VB3P = 12V (MAX1665V), VB4P = 16V (MAX1665X), TA = 0°C to +85°C, unless otherwise noted. Typical
values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
B4P to PKN (MAX1665X)........................................-0.3V to +24V
B3P to PKN (MAX1665V)........................................-0.3V to +18V
B2P to PKN (MAX1665S)........................................-0.3V to +12V
B1P to PKN, B2P to B1P, B3P to B2P, B4P to B3P...-0.3V to +6V
CHG to PKN, DSG to BN
MAX1665S............................................-0.3V to (VB2P + 0.3V)
MAX1665V............................................-0.3V to (VB3P + 0.3V)
MAX1665X............................................-0.3V to (VB4P + 0.3V)
B2P to BN (MAX1665S)..........................................-0.3V to +12V
B3P to BN (MAX1665V)..........................................-0.3V to +18V
B4P to BN (MAX1665X)..........................................-0.3V to +24V
Continuous Power Dissipation (TA= +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C)...............471mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Temperature Range...........................................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
MAX1665SESA, VB1P = 4V
nA
310
MAX1665X
MAX1665V
MAX1665S
VPKN = ±300mV
VPKN = ±300mV
(Note 1)
VCHG = VPKN + 3.0V
CHG = PKN, DSG = BN
Cell voltage rising
IDSG = -1µA
VBN - VPKN
MAX1665X, IOUT = 100µA, VB4P = 24V,
VBN = 100mV
CONDITIONS
IBIAS
Input Bias Current (Note 3)
MAX1665VESA, VB1P = 4V, VB2P = 8V
nA
310
MAX1665XESA, VB1P = 4V, VB2P = 8V,
VB3P = 12V
310
ms
135
tOFF
Overcurrent Sampling - tOFF
ms
8.2
tON
Overcurrent Sampling - tON
mA
0.5
2
IOL
CHG Output Sink Current
mA
10
25
IOH
CHG, DSG Output Source
Current
V
VBN + 0.1
VDSGL
DSG Output Voltage Low
V
17
20
DSG Output Voltage High
(Note 2)
V
420
VB4P
B4P Voltage Range
V
4
15
VB3P
V
410
VB2P
B2P Voltage Range
B3P Voltage Range
ms
10
tIO
Overcurrent Detection Delay
ms
200
tUV
Overvoltage/Undervoltage
Delay
mV
5
VCH2
Overcurrent Hysteresis
mV
±200
±250
±300
VCH
Overcurrent Sense Threshold
V
4.26
4.3
4.34
VOV
Overvoltage Threshold
V
0.10
VCE
Overvoltage Hysteresis
V
2.4
2.5
2.6
VUV
Undervoltage Threshold
mV
0
18
30
VRE
Undervoltage RESET
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IOUT = 100µA
V
VB2P - 1.8
VB2P - 0.54
CHG, DSG Output Voltage High
ICHG = -100µA
V
VB3P - 1.8
VB3P - 0.54
MAX1665S
MAX1665V
VPKN + 0.1
VCHGL
VB4P - 1.8
VB4P - 0.54
MAX1665X
CHG Output Voltage Low
VDSG = VBN + 3.0V
µA
0.5
2
IOL
DSG Output Sink Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com