Electronic Components Datasheet Search
  English  ▼

X  

80SCLQ045 Datasheet(PDF) 1 Page - International Rectifier

Part # 80SCLQ045
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80SCLQ045 Datasheet(HTML) 1 Page - International Rectifier

  80SCLQ045 Datasheet HTML 1Page - International Rectifier 80SCLQ045 Datasheet HTML 2Page - International Rectifier 80SCLQ045 Datasheet HTML 3Page - International Rectifier 80SCLQ045 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY RECTIFIER
80 Amp, 45V
80SCLQ045
Major Ratings and Characteristics
Description/Features
10/06/00
CASE STYLE
IR Case Style SMD-1
www.irf.com
1
Characteristics
80SCLQ045 Units
IF(AV)
80
A
VRRM (Per Leg)
45
V
IFSM @ tp = 8.3ms half-sine
(Per Leg)
250
A
VF @ 40Apk, TJ =125°C
0.62
V
(Per Leg)
TJ, Tstg Operating and storage -55 to 150
°C
ANODECOMMONANODE
CATHODE
2
13
HIGH EFFICIENCY SERIES
The 80SCLQ045 center tap Schottky rectifier has been
expressly designed to meet the rigorous requirements of hi-
rel environments. It is packaged in the hermetic surface
mount SMD-1 ceramic package. The device's forward
voltage drop and reverse leakage current are optimized
for the lowest power loss and the highest circuit efficiency
for typical high frequency switching power supplies and
resonent power converters. Full
MIL-PRF-19500 quality
conformance
testing
is
available
on source
control
drawings to TX, TXV and S quality levels.
• Hermetically Sealed
• Center Tap
• Low Forward Voltage Drop
• High Frequency Operation
• Guard Ring for Enhanced Ruggedness and Long term
Reliability
• Surface Mount
• Lightweight
PD -93972


Similar Part No. - 80SCLQ045

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80SCLQ045 IRF-80SCLQ045 Datasheet
73Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 80 Amp, 45V
More results

Similar Description - 80SCLQ045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com