Electronic Components Datasheet Search
  English  ▼

X  

AMMC-5025 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5025
Description  30KHz ??80 GHz TWA
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5025 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-5025 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-5025 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5025 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5025 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5025 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5025 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5025 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5025 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-5025 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Absolute Maximum Ratings[1,2,3, and 4]
Symbol
Parameters
Unit
Max
Vd
Positive Supply Voltage[2]
V7
Vg1
Gate Supply Voltage
V
-3.6 to 0
Vg2
Gate Supply Voltage
V
-2.5 to +2.5
PD
Power Dissipation[2]
W
0.8
Pin
CW Input Power
dBm
23
Tch
Operating Channel Temp.
°C
+150
Tstg
Storage Case Temp.
°C
-65 to +155
Tmax
Maximum Assembly Temp (30 sec max)
°C
+320
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device.
2. Combinations of supply voltage and drain current shall not exceed PD.
3. The operating channel temperature will directly affect the device MTTF. For maximum life, it is recommended that junction temperatures be
maintained at the lowest possible levels.
DC Specifications/ Physical Properties [5]
Symbol
Parameters and Test Conditions
Unit
Min
Typ
Max
Vd
Drain Supply Voltage
V
5
Id(q)
Drain Supply Current (Vd=5 V, Vg set for Id(q)Typical)
mA
100
Vg1
Gate Supply Operating Voltage (Id(q) = 100 mA)
V
-3.6
-2.0
-1.2
Vg2
Gain control voltage. Open on the Vg2 makes highest gain.
V
-2.5
+1.2
+2.5
R
Tjc
Thermal Resistance[5] (Channel-to-Backside)
°C/W
12.8
Tch
Channel Temperature @85°C Backside
°C
91.4
RF Specifications [1,2]
TA= 25°C, Vdd = 5 V, Idq =0.1 A, Zo=50
:
Symbol
Parameters and Test Conditions
Units
Minimum
Typical
Maximum
Freq
Operational Frequency
GHz
30KHz
80
Gain
Small-signal Gain Freq = 2, 10, 20, 30, 40 GHz
dB
7.5
8
P-1dB
Output Power at 1dB Gain Compression Freq = 40GHz
dBm
13
15
OIP3
Third Order Output Intercept Point@20GHz
'f = 10MHz,
Po = +10dBm, SCL
dBm
20
RLin
Input Return Loss
dB
10
RLout
Output Return Loss
dB
15
Isolation
Reverse Isolation
dB
27
Notes:
1. Small/Large -signal data measured from an on-wafer tester at TA = 25°C.
2. 100% on-wafer RF test of Gain, Return Losses and Reverse Isolation is done at frequencies: 2,10, 20, 30, and 40 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com