Electronic Components Datasheet Search
  English  ▼

X  

MAX1708EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1708EEE
Description  High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1708EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1708EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1708EEE Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
High-Frequency, High-Power, Low-Noise,
Step-Up DC-DC Converter
10
______________________________________________________________________________________
troller functional diagram. The MAX1708 enters syn-
chronized current-mode PWM when a clock signal
(350kHz < fCLK < 1MHz) is applied to CLK. For wire-
less or noise-sensitive applications, this ensures that
switching harmonics are predictable and kept outside
the IF frequency band(s). High-frequency operation
permits low-magnitude output ripple voltage and mini-
mum inductor and filter capacitor size. Switching loss-
es will increase at higher frequencies (see MAX1708 IC
Power Dissipation).
Setting the Output Voltage
The MAX1708 features Dual Mode™ operation. When
FB is connected to ground, the MAX1708 generates a
fixed output voltage of either +3.3V or +5V, depending
on the logic applied to the 3.3/5 input (Figure 1). The
output can be configured for other voltages, using two
external resistors as shown in Figure 4. To set the out-
put voltage externally, choose an R3 value that is large
enough to minimize load at the output but small enough
to minimize errors due to leakage and the time constant
to FB. A value of R4
≤ 50k
Ω is required
where VFB = 1.24V.
Soft-Start/Current Limit Adjustment
(SS/LIM)
The soft-start pin allows the soft-start time to be adjust-
ed by connecting a capacitor from SS/LIM to GND.
Select capacitor C3 (see Figure 1):
tSS = 4ms + [110 ✕ C3 (in µF)]
where tSS is the time (in milliseconds) it takes output to
reach its final value.
To improve efficiency or reduce inductor size at
reduced load currents, the current limit can be reduced
from its nominal value (see Electrical Characteristics).
A resistor (R1 in Figure 1) between SS/LIM and ground
reduces the current limit as follows:
where I1 is the desired current limit in amperes and R1
≤ 312kΩ. ILIM = 5A, if R1 is omitted.
Rk
I
ILIM
1
312
1
=×
Ω
RR
V
V
OUT
FB
34
1
=−


ONA
ONB
MAX1708
00
On
0
1
Off
10
On
11
On
Figure 2. Simplified Functional Diagram
Table 2. Selecting Switching Frequency
Table 1. On/Off Logic Control
CLK
MODE
0
Not allowed
1
PWM
External clock
(350kHz
−1000kHz)
Synchronized PWM
N
PWM
CONTROLLER
STARTUP
OSCILLATOR
OSC
UNDERVOLTAGE LOCKOUT
FB
EN
D
EN
Q
600kHz
OSCILLATOR
EN
REFERENCE
ON
RDY
DUAL MODE
FB
LX
PGND
1.26V
2.15V
OUT
ONA
ONB
REF
CLK
FB
3.3/5
GND
IC POWER
MAX1708
OUT
Dual Mode is a trademark of Maxim Integrated Products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com