Electronic Components Datasheet Search
  English  ▼

X  

AFV461 Datasheet(PDF) 2 Page - International Rectifier

Part # AFV461
Description  EMI FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFV461 Datasheet(HTML) 2 Page - International Rectifier

  AFV461_15 Datasheet HTML 1Page - International Rectifier AFV461_15 Datasheet HTML 2Page - International Rectifier AFV461_15 Datasheet HTML 3Page - International Rectifier AFV461_15 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.irf.com
AFV461 Series
Specifications
Available Screening Levels and Process Variations for AFV461 Series
* Per Commercial Standards
1. Typical Applications result in Vout within 2 % of Vin
Input Voltage
50V DC
Lead Temperature (Soldering, 10s)
+300°C
Input Current
4.0A
Operating Case Temperature -55
°C to +125°C
Input Ripple
1.0A
Storage Temperature
-65°C to +150°C
Power Dissipation
4.0W
Absolute Maximum Ratings
Requirement
MIL-STD-883
Method
No
Suffix
ES
Suffix
HB
Suffix
CH
Suffix
Temperature Range
-20 to +85°C
-55°C to +125°C
-55°C to +125°C
-55°C to +125°C
Element Evaluation
MIL-PRF-38534
Internal Visual
2017
‘
Yes
Yes
Yes
Temperature Cycle
1010
Cond B
Cond C
Cond C
Constant Acceleration
2001
500g
Cond A
Cond A
Burn-in
1015
48hrs @ 85
°C
48hrs @ 125°C
160hrs @ 125°C
160hrs @ 125°C
Final Electrical
(Group A)
MIL-PRF-
38534
25°C
25°C
-55, +25, +125°C
-55, +25, +125°C
Seal, Fine & Gross
1014
‘
Cond A, C
Cond A, C
Cond A, C
External Visual
2009
‘
Yes
Yes
Yes
Parameter
Condition
Min
Typ
Max
Unit
Input Voltage
Steady State
Transient, 1 second
0
28
40
80
VDC
Input Current
DC
Ripple
4.0
1.0
A
A RMS
Output Voltage
1
Steady State
VOUT = VIN - IIN (RDC)
VDC
Output Current
Steady State
4.0
A
DC Resistance (RDC)
Steady State
0.07
0.10
0.15
ΩÃ
Noise Reduction
100 KHz to 50 MHz
40
dB
Capacitance
Any pin to case
4200
pF
Isolation
Any pin to case 500VDC
100
M
Ω
Weight
39
g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com