Electronic Components Datasheet Search
  English  ▼

X  

IEC-1820 Datasheet(PDF) 2 Page - Level One

Part # IEC-1820
Description  10/100 Industrial Media Converter, SC SM 20KM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

IEC-1820 Datasheet(HTML) 2 Page - Level One

  IEC-1820 Datasheet HTML 1Page - Level One IEC-1820 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order Information
IEC-1820
- 10/100IndustrialMediaConverter,SCSM20KM,-40to75CIEC61850
Specications
Package Contents
IEC-1820
Quick Installation Guide
www.level1.com
one world_one brand_one level_
MTBF
55.10 years
Technology
Standards
IEEE802.3 10BASE-T,
IEEE802.3u 100BASE-TX/100BASE-FX, IEEE802.3x
Forward and
Filtering Rate
14,880pps for 10Mbps
148,810pps for 100Mbps
Packet Buffer
Memory
128K bits
Processing
Type
Store-and-Forward
Half-duplex back-pressure and IEEE802.3x full-duplex
flow control
Environment
Operating
Temperature
-40°C to 75°C (-40°F to 167°F)
Tested @ -40°C to 85°C (-40°F to 185°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Ambient
Relative
Humidity
5% to 95% (non-condensing)
Regulatory Approvals
ISO
Manufactured in an ISO9001 facility
Safety
UL508
EMI
FCC Part 15, Class A
EN61000-6-4
- EN55022
- EN61000-3-2
- EN61000-3-3
EMS
IEC61850-3 & IEEE1613: Substation & Power automa-
tion Applications
EN50121-4: Railway Applications
EN61000-6-2
- EN61000-4-2 (ESD Standards)
Contact: + / - 8KV
Air: + / - 15KV
- EN61000-4-3 (Radiated RFI Standards)
35V/m, 80 to 1000MHz; 80% AM
- EN61000-4-4 (Burst Standards)
Signal Ports: + / - 4KV
D.C. Power Ports: + / - 4KV
- EN61000-4-5 (Surge Standards)
Signal Ports: + / - 2KV; Line-to-Line
D.C. Power Ports: + / - 2KV; Line-to-earth
- EN61000-4-6 (Induced RFI Standards)
Signal Ports: 10Vrms @ 0.15 - 80MHz; 80% AM
D.C. Power Ports: 10Vrms @ 0.15 - 80MHz; 80% AM
- EN61000-4-8 (Magnetic Field Standards)
1000A/m @ 50, 60Hz
Environmental
Test
Compliance
IEC60068-2-6 Fc (Vibration Resistance)
5g @ 10 - 150Hz, Amplitude 0.35mm (Operation/Storage/
Transport)
IEC60068-2-27 Ea (Shock)
25g @ 11ms (Half-Sine Shock Pulse; Operation)
50g @ 11ms (Half-Sine Shock Pulse; Storage/Transport)
FED STD 101C Method 5007.1 (Free fall w/ package)
-Tested with Cross Weight and Drop High standard table
Power
Input
Input Voltage: 12 to 48VDC (Terminal Block) /
12VDC(DC Jack)
Power
Consumption
2.4W MAX. 0.2A @ 12VDC, 0.05A @ 48VDC
Overload
Current
Protection
Present
Reverse
Polarity
Protection
Present
Mechanical
Casing
Aluminum case
IP30
Dimensions
50mm (W) x 110mm (D) x 135mm (H)
(1.97" (W) x 4.33" (D) x 5.31" (H))
Weight
0.8Kg (1.76lbs.)
Installation
DIN-Rail (Top hat type 35mm), Panel, Rack Mounting
Interface
Ethernet Port
10/100BASE-TX: 1 port
100BASE-FX: 1 port
LED Indicators
Per Unit: Power Status (Power 1, Power 2, Fault),
Link-Fault-Pass-Through
Per Port: 10/100TX: Link/Activity, Full-duplex/Collision,
Speed
100FX: Link/Activity, Full-duplex/Collision
Relay Contact
Relay contact rating with current 1A @ 30VDC,
0.5A @ 120VAC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com