Electronic Components Datasheet Search
  English  ▼

X  

MAX1842EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1842EEE
Description  1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1842EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1842EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1842EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1842EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1842EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1842EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1842EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1842EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1842EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1842EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1A/2.7A, 1MHz, Step-Down Regulators with
Synchronous Rectification and Internal Switches
______________________________________________________________________________________
13
The peak inductor current at full load is 1.125 x IOUT if
the above equation is used; otherwise, the peak current
is calculated by:
Choose an inductor with a saturation current at least as
high as the peak inductor current. The inductor you
select should exhibit low losses at your chosen operat-
ing frequency.
Capacitor Selection
The input filter capacitor reduces peak currents and
noise at the voltage source. Use a low-ESR and low-
ESL capacitor located no further than 5mm from IN.
Select the input capacitor according to the RMS input
ripple-current requirements and voltage rating:
where IRIPPLE = input RMS current ripple.
The output filter capacitor affects the output voltage rip-
ple, output load-transient response, and feedback loop
stability. For stable operation, the MAX1742/MAX1842
requires a minimum output ripple voltage of VRIPPLE
≥
1% x VOUT.
The minimum ESR of the output capacitor should be:
Stable operation requires the correct output filter capaci-
tor. When choosing the output capacitor, ensure that:
Integrator Amplifier
An internal transconductance amplifier fine tunes the
output DC accuracy. A capacitor, CCOMP, from COMP
to VCC compensates the transconductance amplifier.
For stability, choose CCOMP = 470pF.
A large capacitor value maintains a constant average
output voltage but slows the loop response to changes
in output voltage. A small capacitor value speeds up
the loop response to changes in output voltage but
decreases stability. Choose the capacitor values that
result in optimal performance.
Soft-Start
Soft-start allows a gradual increase of the internal cur-
rent limit to reduce input surge currents at startup and
at exit from shutdown. A timing capacitor, CSS, placed
from SS to GND sets the rate at which the internal cur-
rent limit is changed. Upon power-up, when the device
comes out of undervoltage lockout (2.6V typ) or after
the SHDN pin is pulled high, a 4µA constant-current
source charges the soft-start capacitor and the voltage
on SS increases. When the voltage on SS is less than
approximately 0.7V, the current limit is set to zero. As
the voltage increases from 0.7V to approximately 1.8V,
the current limit is adjusted from 0 to the current-limit
threshold (see the Electrical Characteristics).The volt-
age across the soft-start capacitor changes with time
according to the equation:
The soft-start current limit varies with the voltage on the
soft-start pin, SS, according to the equation:
where ILIMIT is the current threshold from the Electrical
Characteristics.
SSI
VV
V
I
LIMIT
SS
LIMIT
=
−
×
.
.
07
11
V
At
C
SS
SS
=
×
4
µ
C
t
V
FV
s for the MAX
OUT
OFF
OUT
≥µ
µ
/
79
1842
C
t
V
FV
s for the MAX
OUT
OFF
OUT
≥µ
µ
/
33
1742
ESR
L
tOFF
%
>×
1
II
VV
V
V
RIPPLE
LOAD
OUT
IN
OUT
IN
=
−
()
II
Vt
L
PEAK
OUT
OUT
OFF
=+
×
×
2
0.7V
1.8V
ILIMIT
t
SHDN
0
0
0
VSS (V)
ILIMIT (A)
Figure 5. Soft-Start Current Limit over Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com