Electronic Components Datasheet Search
  English  ▼

X  

AMA2800D Datasheet(PDF) 1 Page - International Rectifier

Part # AMA2800D
Description  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMA2800D Datasheet(HTML) 1 Page - International Rectifier

  AMA2800D Datasheet HTML 1Page - International Rectifier AMA2800D Datasheet HTML 2Page - International Rectifier AMA2800D Datasheet HTML 3Page - International Rectifier AMA2800D Datasheet HTML 4Page - International Rectifier AMA2800D Datasheet HTML 5Page - International Rectifier AMA2800D Datasheet HTML 6Page - International Rectifier AMA2800D Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
12/05/14
www.irf.com
1
Description
n 5.0 Watts Output Power
n Available in ± 5, ±12 and ±15 Volt Outputs
n 16- 40 VDC Input Range (28 VDC Nominal)
n Total Ionizing Dose > 25 kRads(Si)
n SEE Hardened to LET up to 60 MeV.cm
2
/mg
n -55°C to +125°C Operating Range
n Indefinite Short Circuit Protection
n Flexible Mounting
n Fully Isolated - Input to Output and to Case
n Complimentary EMI Filter Available
n Electrical Performance Similar to
ASA28XXD Series
n Standard Microcircuit Drawings Available
Features
AMA
28V Input, Dual Output
The AMA28XXD series of DC-DC converter modules
has been specifically designed for operation in
moderate radiation environments supplementing the
higher radiation performance available in the
International Rectifier ART2815T converter series.
Environments presented to space vehicles operating
in low earth orbits, launch boosters, orbiting space
stations and similar applications requiring a low power,
high performance converter with moderate radiation
hardness performance will be optimally served by the
AMA28XXD Series.
The AMA28XXD has been designed for high density
using chip and wire hybrid technology that complies
with the class H requirements of MIL-PRF-38534.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DLA
qualified processes. For available screening options,
refer to device screening table in the data sheet.
Applicable generic lot qualification test data including
radiation performance can be made available on
request. Variations to the standard screening can be
accomodated. Consult IR San Jose for special
requirements.
AMA28XXD SERIES
The physical configuration of the AMA28XXD series
permits mounting directly to a heat conduction surface
without the necessity of signal leads penetrating the
heat sink surface. This package configuration permits
greater independence in mounting and more
mechanical security than traditional packages.
International Rectifier’s rugged ceramic seal pins are
used exclusively in the package thereby assuring long
term hermeticity.
HYBRID - HIGH RELIABILITY
RADIATION TOLERANT
DC-DC CONVERTER
PD-94692F


Similar Part No. - AMA2800D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMA2800 ETC2-AMA2800 Datasheet
25Kb / 2P
Radiation Tolerant DC/DC Converters
logo
International Rectifier
AMA2800S IRF-AMA2800S Datasheet
132Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results

Similar Description - AMA2800D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2812S IRF-AMA2812S Datasheet
126Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2805S IRF-ARH2805S_16 Datasheet
457Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com