Electronic Components Datasheet Search
  English  ▼

X  

USB-0401 Datasheet(PDF) 1 Page - Level One

Part # USB-0401
Description  Gigabit USB Network Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

USB-0401 Datasheet(HTML) 1 Page - Level One

  USB-0401 Datasheet HTML 1Page - Level One USB-0401 Datasheet HTML 2Page - Level One USB-0401 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USB-0401 하드웨어 버전: 4
Gigabit USB Network Adapter
The LevelOne USB Gigabit Ethernet Adapter is a USB adapter that enables desktop and notebook computers with high-
speed Gigabit network connectivity via the USB port.
The USB-0401 is USB2.0/3.0 compliant, as well as IEEE802.3 (10Mbps), 802.3u (100Mbps) and 802.3ab (1000Mbps)
compliant, ensuring that users can utilize any networking nvironment available. It supports hot inserting and swapping,
meaning that the USB-0401 can be installed quick and easy without shutting down the computer or opening up the
computer box to install new network interface cards.
With low power consumption and mobility without the need of any additional power cords, notebook
computer users greatly benefit from using this network interface adapter.
Key Features
- Provides an Internet connection through a single USB port
- 10/100/1000Mbps의 유선 속도 전송 및 수신
- USB 3.0 / 2.0 호환 가능
- 데이터 전송 속도를 증가시키는 4K 점보 프레임
- 컴퓨터를 원격에서 시작/끝내기를 할 수 있는 내장된 Wake-on-LAN 기능
- IPv6 네트워크 운용으로 관리되고 배치됨
- 추가 전원 공급장치가 필요하지 않음
- 신뢰성 있는 데이터 전송을 위해 IEEE 802.3x 플로우 제어가 패킷 손실을 방지
- 고급 에너지 효율 기술로 탄소 발자국을 최소화(IEEE 802.3az)
- Supports Windows XP / Vista / 7 / 8, Mac OS X 10. 6 / 7 / 8
www.level1.com
Page 1 of 3


Similar Part No. - USB-0401

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
USB-002 PROSIGNAL-USB-002 Datasheet
96Kb / 1P
USB Data Link
26/04/09 V1.0
USB-0039DBL PROSIGNAL-USB-0039DBL Datasheet
115Kb / 1P
USB Double Serial Adaptor
12/05/12 V1.1
USB-0044S PROSIGNAL-USB-0044S Datasheet
30Kb / 1P
PS2 to USB Keyboard Adaptor
logo
Level One
USB-0301 LVL1-USB-0301 Datasheet
374Kb / 4P
A single USB port 10/100Mbps wire speed transmission and reception Supports IPv4/IPv6 network operation
USB-0502 LVL1-USB-0502 Datasheet
466Kb / 5P
A single USB port 10/100/1000Mbps wire speed transmission and reception Built-in 3-Port Super Speed USB 3.0 hub
More results

Similar Description - USB-0401

ManufacturerPart #DatasheetDescription
logo
Level One
WUA-0605 LVL1-WUA-0605 Datasheet
541Kb / 5P
300Mbps Wireless USB Network Adapter
WUA-1610 LVL1-WUA-1610 Datasheet
423Kb / 5P
300Mbps Wireless USB Network Adapter
logo
Tripp Lite. All Rights ...
U336U03GB TRIPPLITE-U336U03GB Datasheet
497Kb / 2P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter with 3 Port USB 3.0 Hub
U436-06N-GB TRIPPLITE-U436-06N-GB Datasheet
162Kb / 3P
USB-C to Gigabit Network Adapter with Thunderbolt 3 Compatibility - Black
U336-000-GBW TRIPPLITE-U336-000-GBW Datasheet
163Kb / 3P
USB 3.0 to Gigabit Ethernet NIC Network Adapter - 10/100/1000 Mbps, White
U336-U03-GB TRIPPLITE-U336-U03-GB Datasheet
166Kb / 2P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter with 3 Port USB 3.0 Hub
U436-06N-GB-C TRIPPLITE-U436-06N-GB-C Datasheet
182Kb / 4P
USB-C to Gigabit Network Adapter with USB-C PD Charging - Thunderbolt 3, Black
logo
TP-Link Technologies Co...
TG-3468 TP-LINK-TG-3468 Datasheet
453Kb / 2P
Gigabit PCI Express Network Adapter
logo
List of Unclassifed Man...
DGE-560T ETC1-DGE-560T Datasheet
428Kb / 2P
PCI Express Gigabit Ethernet Network Adapter
logo
Tripp Lite. All Rights ...
U336-000-GB-CA TRIPPLITE-U336-000-GB-CA Datasheet
171Kb / 3P
USB-C, USB-A to RJ45 Gigabit Ethernet Network Adapter (2xM/F), USB 3.2 Gen 1, Black
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com