Electronic Components Datasheet Search
  English  ▼

X  

AME28461 Datasheet(PDF) 2 Page - International Rectifier

Part # AME28461
Description  EMI FILTER HYBRID-HIGH RELIABILITY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AME28461 Datasheet(HTML) 2 Page - International Rectifier

  AME28461 Datasheet HTML 1Page - International Rectifier AME28461 Datasheet HTML 2Page - International Rectifier AME28461 Datasheet HTML 3Page - International Rectifier AME28461 Datasheet HTML 4Page - International Rectifier AME28461 Datasheet HTML 5Page - International Rectifier AME28461 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.irf.com
AME28461 Series
Specifications
Electrical Characteristics -55°C ≤ TCASE ≤ +125°C, -40V ≤ VIN ≤ +40V unless otherwise specified
Notes to Specifications
ABSOLUTE MAXIMUM RATINGS, Note 1
Input Voltage
-100V to +100V Note 2
Input Current
30A
Lead Soldering Temperature
300°C for 10 seconds
Case Temperature
Operating
-55°C to +125°C
Storage
-65°C to +135°C
Parameter
Group A
Subgroups
Test Conditions
Min
Max
Unit
Leakage Current Note 3
1, 2, 3
± 100V DC Input Voltage
0
50
µA
DC Resistance Note 4
1, 2, 3
TC = 25°C
TC = 125°C
40
70
m
Ω
Noise Reduction
4, 5, 6
200 KHz - 500 KHz
500 KHz - 1 MHz
1 MHz – 10 MHz
35
60
65
dB
Isolation
1
Any Pin to Case, Tested @ 500VDC
100
M
Ω
Capacitance
1
2, 3
Measured Between Any Pin and Case
34
30
56
62
nF
1.
Operation above maximum ratings may cause permanent damage to the device. Operation at maximum ratings
may degrade performance and affect reliability.
2.
Device can tolerate ± 100 Volt transient whose duration is
≤ 100 ms when RS ≥ 0.5 Ω.
3.
Derate Output Current linearly from 100% at 125°C to 0 at 135°C.
4.
DC resistance is the total resistance of the device and includes the sum of the input to output resistance and the
return in to return out resistance paths.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com