Electronic Components Datasheet Search
  English  ▼

X  

AUIPS1011 Datasheet(PDF) 4 Page - International Rectifier

Part # AUIPS1011
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS1011 Datasheet(HTML) 4 Page - International Rectifier

  AUIPS1011 Datasheet HTML 1Page - International Rectifier AUIPS1011 Datasheet HTML 2Page - International Rectifier AUIPS1011 Datasheet HTML 3Page - International Rectifier AUIPS1011 Datasheet HTML 4Page - International Rectifier AUIPS1011 Datasheet HTML 5Page - International Rectifier AUIPS1011 Datasheet HTML 6Page - International Rectifier AUIPS1011 Datasheet HTML 7Page - International Rectifier AUIPS1011 Datasheet HTML 8Page - International Rectifier AUIPS1011 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AUIPS1011(S)(R)
www.irf.com
4
Static Electrical Characteristics
Tj= -40..150°C, Vcc=6..28V (unless otherwise specified), typical value are given for Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Rds(on)
ON state resistance Tj=25°C
10
13
m
Vin=5V, Ids=30A
ON state resistance Tj=150°C (2)
19
25
Idss1
Drain to source leakage current
0.1
2
µA
Vcc=14V, Tj=25°C
Idss2
Drain to source leakage current
0.2
4
Vcc=28V, Tj=25°C
V clamp1
Drain to source clamp voltage 1
36
39
V
Id=20mA
V clamp2
Drain to source clamp voltage 2
39
42
Id=5A
Vin clamp
IN to source pin clamp voltage
5.5
6.5
7.5
Iin=1mA
Vth
Input threshold voltage
1.7
Id=10mA
Switching Electrical Characteristics
Vcc=14V, Resistive load=0.5
, Rinput=50, Vin=5V, Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tdon
Turn-on delay time to 20%
15
50
150
µs
See figure 2
Tr
Rise time 20% to 80%
20
50
100
Tdoff
Turn-off delay time to 80%
100
330
700
Tf
Fall time 80% to 20%
30
70
150
Eon + Eoff
Turn on and off energy
5
mJ
Protection Characteristics
Tj= -40..150°C, Vcc=6..28V (unless otherwise specified), typical value are given for Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tsd
Over temperature threshold
150(2)
165
°C
See figure 1
Isd
Over current threshold
44
85
120
A
See figure 1
OV
Over voltage protection (not active when
the device is ON )
34
37
V
Vreset
IN protection reset threshold
1.7
V
Treset
Time to reset protection
15(2)
50
200
µs
Vin=0V
Diagnostic
Tj= -40..150°C, Vcc=6..28V (unless otherwise specified), typical value are given for Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Iin, on
ON state IN positive current
15
32
70
µA
Vin=5V
Vin=5V
Iin, off
OFF state IN positive current
(after protection latched )
150
230
350
(2) Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com