Electronic Components Datasheet Search
  English  ▼

X  

AUIPS6121R Datasheet(PDF) 7 Page - International Rectifier

Part # AUIPS6121R
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS6121R Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIPS6121R Datasheet HTML 3Page - International Rectifier AUIPS6121R Datasheet HTML 4Page - International Rectifier AUIPS6121R Datasheet HTML 5Page - International Rectifier AUIPS6121R Datasheet HTML 6Page - International Rectifier AUIPS6121R Datasheet HTML 7Page - International Rectifier AUIPS6121R Datasheet HTML 8Page - International Rectifier AUIPS6121R Datasheet HTML 9Page - International Rectifier AUIPS6121R Datasheet HTML 10Page - International Rectifier AUIPS6121R Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
June 23, 2015
Current sensing accuracy
Iout
Ifb
Ifb leakage
Ifb2
Ifb1
Iout2
Iout1
I offset
The current sensing is specified by measuring 3 points :
- Ifb1 for Iout1
- Ifb2 for Iout2
- Ifb leakage for Iout=0
The parameters in the datasheet are computed with the following formula :
Ratio = ( Iout2
– Iout1 )/( Ifb2 – Ifb1)
I offset = Ifb1 x Ratio
– Iout1
This allows the designer to evaluate the Ifb for any Iout value using :
Ifb = ( Iout + I offset ) / Ratio if Ifb>Ifb leakage
For some applications, a calibration is required. In that case, the accuracy of the system will depends on the variation of
the I offset and the ratio over the temperature range. The ratio variation is given by Ratio_Hot and Ratio_Cold specified in
page 4.
The Ioffset variation depends directly on the Rdson:
I offset@-40°C= I offset@25°C / 0.8
I offset@150°C= I offset@25°C / 1.9
Maximum Vcc voltage with short circuit protection
The maximum Vcc voltage with short circuit is the maximum voltage for which the part is able to protect itself under test
conditions representative of the application. 2 kind of short circuits are considered: terminal and load short circuit.
L SC
R SC
TerminalSC
0.1 µH
10 mohm
LoadSC
L supply + L SC = 5 µH
100 mohm
Out
IPS
Vcc
L SC
L supply
5µH
R supply
10mohm
R SC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com