Electronic Components Datasheet Search
  English  ▼

X  

MJWI25 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MJWI25
Description  fully regulated output voltage
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI25 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MJWI25 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 9Page - Minmax Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MJWI25 SERIES
DC/DC CONVERTER 25W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:3
Page 2 of 10
®
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
3.5V ~ 12V or Open Circuit
Converter Off
0V ~ 1.2V or Short Circuit
Control Input Current (on)
Vctrl = 5.0V
---
---
0.5
mA
Control Input Current (off)
Vctrl = 0V
---
---
-0.5
mA
Control Common
Referenced to Negative Input
Standby Input Current
Supply Off & Nominal Vin
---
3
---
mA
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
---
---
±1.0
%Vnom.
Output Voltage Balance
Dual Output, Balanced Loads
---
---
±2.0
%
Line Regulation
Vin=Min. to Max. @Full Load
---
---
±0.2
%
Load Regulation
Io=0% to 100%
Single Output
---
---
±0.2
%
Dual Output
---
---
±1.0
%
Cross Regulation (Dual)
Asymmetrical load 25% / 100% FL
---
---
±5.0
%
Minimum Load
No minimum Load Requirement
Ripple & Noise
0-20 MHz Bandwidth
3.3V & 5V Models
---
---
100
mV P-P
12V , 15V & Dual Models
---
---
150
mV P-P
Transient Recovery Time
25% Load Step Change
---
250
---
μsec
Transient Response Deviation
---
±3
±5
%
Temperature Coefficient
---
---
±0.02
%/
℃
Trim Up / Down Range
% of Nominal Output Voltage
---
---
±10
%
Over Load Protection
Hiccup
---
150
---
%
Short Circuit Protection
Hiccup Mode 0.6 Hz typ, Automatic Recovery
Over Voltage Protection
For Shutdown Voltage see Model Selection Guide
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
60 Seconds
1500
---
---
VDC
1 Second
1800
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
---
2000
pF
Switching Frequency
---
285
---
KHz
MTBF(calculated)
MIL-HDBK-217F@25
℃, Ground Benign
444,000
Hours
Safety Approvals
UL/cUL 60950-1 recognition (CSA certificate), IEC/EN 60950-1(CB-report)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com