Electronic Components Datasheet Search
  English  ▼

X  

MRWI60C Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MRWI60C
Description  fully regulated output voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MRWI60C Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MRWI60C Datasheet HTML 1Page - Minmax Technology Co., Ltd. MRWI60C Datasheet HTML 2Page - Minmax Technology Co., Ltd. MRWI60C Datasheet HTML 3Page - Minmax Technology Co., Ltd. MRWI60C Datasheet HTML 4Page - Minmax Technology Co., Ltd. MRWI60C Datasheet HTML 5Page - Minmax Technology Co., Ltd. MRWI60C Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MRWI60C SERIES
DC/DC Power Module 60W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:3
Page 1 of 6
FEATURES
►Fully Encapsulated Plastic Case for
Chassis and DIN-Rail Mounting Version
►Ultra-wide 4:1 Input Voltage Range
►Fully Regulated Output Voltage
►Excellent Efficiency up to 92%
►I/O Isolation 2500 VDC
►Operating Temp. Range -40℃ to +80℃
►Overload/Voltage and Short Circuit Protection
►Remote On/Off Control
►Conducted EMI meet EN55022 Class A & FCC Level A
►EMC Immunity meet EN61000-4-2,3,4,5,6,8
►UL/cUL/IEC/EN 60950-1 Safety Approval & CE Marking
PRODUCT OVERVIEW
The MINMAX MRWI60C series is a new range of regulated DC/DC converter modules with ultra-wide 4:1 input voltage ranges. The product comes in a fully
encapsulated module with screw terminal block and is suitable for easy chassis mounting or also for DIN-rail mounting.
Featuring an extended operating temperature range from -40°to +80°C, EMC compliance to EN 61000-6-1 standard these modules have been designed
particularly for industrial applications.
Model Selection Guide
Model Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Input Current
Max. capacitive
Load
Efficiency
(typ.)
Max.
@ Max. Load
@ No Load
@Max. Load
VDC
VDC
mA
mA(typ.)
mA(typ.)
μF
%
MRWI60-24S051C
24
(9 ~ 36)
5.1
12000
2833
100
20400
90
MRWI60-24S12C
12
5000
2747
100
3540
91
MRWI60-24S24C
24
2500
2747
110
890
91
MRWI60-24S48C
48
1250
2747
60
220
91
MRWI60-48S051C
48
(18 ~ 75)
5.1
12000
1401
40
20400
91
MRWI60-48S12C
12
5000
1359
60
3540
92
MRWI60-48S24C
24
2500
1374
60
890
91
MRWI60-48S48C
48
1250
1374
50
220
91
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Surge Voltage (100 ms max.)
24V Input Models
-0.7
---
50
VDC
48V Input Models
-0.7
---
100
Start-Up Threshold Voltage
24V Input Models
---
---
9
48V Input Models
---
---
18
Under Voltage Shutdown
24V Input Models
---
7.5
---
48V Input Models
---
16
---
Start Up Time
Power Up
Nominal Vin and Constant Resistive Load
---
---
50
ms
Remote On/Off
---
---
50
ms
Input Filter
All Models
lnternal Pi Type


Similar Part No. - MRWI60C

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MRWI60C MINMAX-MRWI60C_15 Datasheet
720Kb / 6P
DC/DC Power Module 60W
More results

Similar Description - MRWI60C

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MFW02 MINMAX-MFW02 Datasheet
407Kb / 5P
fully regulated output voltage
MFW03 MINMAX-MFW03 Datasheet
601Kb / 5P
fully regulated output voltage
MIDER03-HI MINMAX-MIDER03-HI Datasheet
591Kb / 4P
fully regulated output voltage
MIE03-HI MINMAX-MIE03-HI Datasheet
733Kb / 4P
fully regulated output voltage
MIE06-HI MINMAX-MIE06-HI Datasheet
728Kb / 4P
fully regulated output voltage
MIW10 MINMAX-MIW10 Datasheet
533Kb / 5P
fully regulated output voltage
MJWI15 MINMAX-MJWI15 Datasheet
502Kb / 10P
fully regulated output voltage
MJWI25 MINMAX-MJWI25 Datasheet
404Kb / 10P
fully regulated output voltage
MKE15-HI MINMAX-MKE15-HI Datasheet
418Kb / 5P
fully regulated output voltage
MKE20-HI MINMAX-MKE20-HI Datasheet
409Kb / 5P
fully regulated output voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com