Electronic Components Datasheet Search
  English  ▼

X  

MAX1811ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1811ESA
Description  USB-Powered Li Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1811ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1811ESA Datasheet HTML 1Page - Maxim Integrated Products MAX1811ESA Datasheet HTML 2Page - Maxim Integrated Products MAX1811ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1811ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1811ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1811ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1811ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1811ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
USB-Powered Li+ Charger
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 4.5V, EN = IN, TA = 0°C to +85°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, BATT, SELI, CHG, EN to GND ..............................-0.3V to 7V
SELV to GND ...............................................-0.3V to (VIN + 0.3V)
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 17.5mW/°C above +70°C)....................1.4W
Short-Circuit Duration.................................................Continuous
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Maximum Die Temperature..............................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply Voltage
4.35
6.50
V
Input Undervoltage Lockout
IIN rising
3.75
4.05
V
Input Undervoltage Lockout Hysteresis
50
mV
Operating, EN = IN, no load
0.9
2.0
mA
Input Supply Current
Shutdown, EN = GND
2.5
5.0
µA
SELI = GND (100mA mode),
VIN = 4.35V
100
Charging Headroom
SELI = IN (500mA mode)
200
mV
Precondition Threshold
BATT rising, transition from precondition to
charge mode
2.3
2.5
2.7
V
Precondition Threshold Hysteresis
80
mV
CHG Output Leakage Current
VIN = VCHG = 6.5V
0.1
1.0
µA
CHG Output Low Voltage
ISINK = 10mA
0.4
V
VSELI = VIN = 5.5V, VBATT = 2.7V
455
500
SELI = GND, VIN = 5.5V, VBATT = 2.7V
85
100
Charging Current
VBATT = 2V, SELI = GND or IN
20
43
70
mA
SELV = GND, IBATT = 0
4.08
4.10
4.12
BATT Regulation Voltage
SELV = IN, IBATT = 0
4.18
4.20
4.22
V
BATT Leakage Current (Input
Power Removed)
VBATT = 4.2V, EN = IN = GND
1
5
µA
BATT Shutdown Current
EN = GND, VBATT = 4.2V
0.1
2
µA
Logic Input Low Voltage (EN, SELI, SELV)
VIN = 4.35V to 6.5V
0.8
V
Logic Input High Voltage (EN, SELI, SELV)
VIN = 4.35V to 6.5V
2.0
V
Logic Input Leakage Current (EN, SELI)
VIN = 0 to 6.5V; VSELI, VEN = 6.5V or GND
1
µA
Logic Input Leakage Current (SELV)
VIN = 0 to 6.5V, VSELV = VIN or GND
1
µA
Thermal Regulation
Die temperature beyond which charging
current is reduced
125
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com