Electronic Components Datasheet Search
  English  ▼

X  

D2800D Datasheet(PDF) 6 Page - International Rectifier

Part # D2800D
Description  HIGH RELIABILITY, RADIATION TOLERANT, LOW POWER, DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

D2800D Datasheet(HTML) 6 Page - International Rectifier

Back Button D2800D Datasheet HTML 2Page - International Rectifier D2800D Datasheet HTML 3Page - International Rectifier D2800D Datasheet HTML 4Page - International Rectifier D2800D Datasheet HTML 5Page - International Rectifier D2800D Datasheet HTML 6Page - International Rectifier D2800D Datasheet HTML 7Page - International Rectifier D2800D Datasheet HTML 8Page - International Rectifier D2800D Datasheet HTML 9Page - International Rectifier D2800D Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.irf.com
(28V Input, Regulated Dual Outputs)
D28XXD-SERIES
Device Screening
International Rectifier currently does not have a DLA certified Radiation Hardness Assurance Program.
Radiation Performance Characteristics
* Test performed at TAMU
Test / Inspection
Method
/EM Suffix Flight (No Suffix)
Element Evaluation
MIL-STD-38534 Class K equivalent with SEM
X
Nondestructive Bond Pull
MIL-STD-883, Method 2023
X
Internal Visual
MIL-STD-883, Method 2017
X
Temperature Cycling
MIL-STD-883, Method 1010
Condition C
Constant Acceleration
MIL-STD-883, Method 2001 (3Kg)
A, Y1 Axis only
Electrical
In accordance with device specificaton
X
PIND
MIL-STD-883, Method 2020
A
Burn-in (2 x 160 hours)
MIL-STD-883, Method 1015
48 Hours
320 Hours
Final Electrical (Group A)
In accordance with device specification
X
X
Seal
MIL-STD-883, Method 1014
Condition A
Fine Leak
A1
Gross Leak
C
Radiographic
MIL-STD-883, Method 2012
N/A
External Visual
MIL-STD-883, Method 2009
X
X
Test
Conditions
Min
Unit
MIL-STD-883, Method 1019.5
Total Ionizing Dose (Gamma)
Operating bias applied during exposure,
50
KRads (Si)
Half Rated Load, VIN = 28V
Single Event Effects
Heavy Ions (LET)
SEU, SEL, SEGR, SEB
Operating bias applied during exposure,
40
MeV•cm
2 / mg
Full Rated Load, VIN = 18, 28, 50V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com