Electronic Components Datasheet Search
  English  ▼

X  

NJM2181 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2181
Description  Passive Matrix TruSurroundTM 3D AUDIO PROCESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2181 Datasheet(HTML) 3 Page - New Japan Radio

  NJM2181 Datasheet HTML 1Page - New Japan Radio NJM2181 Datasheet HTML 2Page - New Japan Radio NJM2181 Datasheet HTML 3Page - New Japan Radio NJM2181 Datasheet HTML 4Page - New Japan Radio NJM2181 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NJM2181
- 3 -
sELECTRICAL CHARACTERISTICS (Ta=25ºC,V+=9V, V
IN =-10dBV(316mVrms))
TEST CONDITION
INPUT
PARAMETER
SYMBOL
LR
OUT
PUT
MODE
MIN.
TYP.
MAX.
UNIT
V
IN
-L
f=1kHz
-V
IN
R
TRU
0.2
2.2
4.2
-V
IN
L
f=1kHz
V
IN
-R
TRU
-13.5
-11.5
-9.5
V
IN
-L
f=1kHz
-V
IN
R
3D Stereo1
-4.8
-2.8
-0.8
-V
IN
L
f=1kHz
V
IN
-R
3D Stereo1
-15.0
-13.0
-11.0
V
IN
-L
f=1kHz
-V
IN
R
3D Stereo2
-5.8
-3.8
-1.8
-V
IN
L
f=1kHz
V
IN
-R
3D Stereo2
-21.0
-19.0
-17.0
V
IN
V
IN
L
SRS Gain
G
SRS
f=1kHz
V
IN
V
IN
R
3D Mono
1.3
-6.9
3.3
-4.9
5.3
-2.9
dB
Vin=High Level
2.0
-
V
+
Mode Select
Control Voltage
V
MODE
Vin=Low Level
0.0
-
0.7
V
sMODE SWITCH
MODE
MODE1
MODE2
MODE3
BYPASS
L
L
-
TRU
L
H
-
3D Stereo1
H
L
L
3D Sterteo2
H
L
H
3D Mono
H
H
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com