Electronic Components Datasheet Search
  English  ▼

X  

MAX186ACAP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX186ACAP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186ACAP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX186ACAP Datasheet HTML 2Page - Maxim Integrated Products MAX186ACAP Datasheet HTML 3Page - Maxim Integrated Products MAX186ACAP Datasheet HTML 4Page - Maxim Integrated Products MAX186ACAP Datasheet HTML 5Page - Maxim Integrated Products MAX186ACAP Datasheet HTML 6Page - Maxim Integrated Products MAX186ACAP Datasheet HTML 7Page - Maxim Integrated Products MAX186ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX186ACAP Datasheet HTML 9Page - Maxim Integrated Products MAX186ACAP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Reference Voltage for analog-to-digital conversion. Also, Output of the Reference Buffer Amplifier
(4.096V in the MAX186, 1.638 x REFADJ in the MAX188). Add a 4.7µF capacitor to ground when
using external compensation mode. Also functions as an input when used with a precision external
reference.
Low-Power, 8-Channel,
Serial 12-Bit ADCs
6
________________________________________________________________________________________________
__________________________________________Typical Operating Characteristics
0.30
-0.05
-60
140
POWER-SUPPLY REJECTION
vs. TEMPERATURE
0.00
0.25
TEMPERATURE (°C)
60
0.10
0.05
-40
20
100
0.15
0.20
-20 0
40
80
120
VDD = +5V ±5%
VSS = 0V or -5V
2.456
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
2.452
2.455
TEMPERATURE (°C)
2.454
2.453
-40 -20 0
20 40 60 80 100 120
0.16
0
-60
-20
60
140
CHANNEL-TO-CHANNEL OFFSET MATCHING
vs. TEMPERATURE
0.02
0.12
TEMPERATURE (°C)
20
100
0.10
0.04
-40
0
40
80
120
0.14
0.08
0.06
20
-140
0
66.5kHz
MAX186/MAX188 FFT PLOT – 133kHz
-120
0
-80
-100
-40
-20
-60
ft = 10kHz
fs = 133kHz
33.25kHz
FREQUENCY
ft = 10kHz
fs = 133kHz
TA = +25°C
PIN
NAME
FUNCTION
1-8
CH0-CH7
Sampling Analog Inputs
9
VSS
Negative Supply Voltage. Tie to -5V ±5% or AGND
10
SHDN
11
VREF
Three-Level Shutdown Input. Pulling
SHDN low shuts the MAX186/MAX188 down to 10µA (max)
supply current, otherwise the MAX186/MAX188 are fully operational. Pulling
SHDN high puts the ref-
erence-buffer amplifier in internal compensation mode. Letting
SHDN float puts the reference-buffer
amplifier in external compensation mode.
_____________________________________________________________Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com