Electronic Components Datasheet Search
  English  ▼

X  

MAX189 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX189
Description  Linear Charger for Single-Cell Li Battery
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX189 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX189 Datasheet HTML 1Page - Maxim Integrated Products MAX189 Datasheet HTML 2Page - Maxim Integrated Products MAX189 Datasheet HTML 3Page - Maxim Integrated Products MAX189 Datasheet HTML 4Page - Maxim Integrated Products MAX189 Datasheet HTML 5Page - Maxim Integrated Products MAX189 Datasheet HTML 6Page - Maxim Integrated Products MAX189 Datasheet HTML 7Page - Maxim Integrated Products MAX189 Datasheet HTML 8Page - Maxim Integrated Products MAX189 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Linear Charger for Single-Cell Li+ Battery
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 8V, VBATT = 4V, EN/OK = open, RSET = 2.8k
Ω, RSTRT = GND, TA = 0°C to +85°C, unless otherwise noted. Typical values are
at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, DRV, CS, CHG to GND .....................................-0.3V to +14V
BATT, EN, ISET, RSTRT, CT to GND ........................-0.3V to +6V
DRV to IN................................................................-14V to +0.3V
IN to CS Current ....................................................................±2A
DRV Continuous Current ..................................................±10mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) ..........444mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ....................………..+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
4.5
12
V
Input OK Trip Point, IN Rising
(VIN - VBATT)
45
70
100
mV
Input OK Trip Point, IN Falling
(VIN - VBATT)
30
55
85
mV
VIN Input OK Trip Point, IN Rising
4.0
4.25
4.5
V
VIN Input OK Trip Point, IN Falling
3.9
4.15
4.4
V
EN/OK Sink Current (When Input
Power Not OK)
VIN = 3.9V, VBATT = 4V,
VEN/OK = 0.8V
100
µA
EN/OK Source Current (When
Input Power OK)
VEN/OK = 2V
5
10
20
µA
EN/OK Logic Input High
4.5V
≤ VIN ≤ 12V
2
V
EN/OK Logic Input Low
4.5V
≤ VIN ≤ 12V
0.6
V
Done, RSTRT = GND, VBATT = 4.1V for
MAX1898EUB42 and 4.0V for MAX1898EUB41
40
100
Done, RSTRT = open, VBATT = 4.1V for
MAX1898EUB42 and 4.0V for MAX1898EUB41
410
EN/OK = GND
4
10
BATT Input Current
VIN = 4V
3
10
µA
VIN = VBATT = 4V (IIN + ICS)
2
10
µA
IN, CS Input Current
VIN = 12V, (IIN + ICS), done, RSTRT = open
2
5
mA
VOLTAGE LOOP
MAX1898EUB42
4.168
4.2
4.232
Voltage-Loop Set Point
MAX1898EUB41
4.069
4.1
4.131
V
Voltage-Loop Gain
∆VDRV/∆VBATT
51
dB
MAX1898EUB42
2.394
2.520
2.646
VBATT Prequal Voltage Threshold
Timers running
MAX1898EUB41
2.337
2.460
2.583
V
DRV Sink Current
VDRV = VIN - 1V, VBATT = 3.5V
4
mA
DRV Output Resistance
470
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com