Electronic Components Datasheet Search
  English  ▼

X  

CT0201F Datasheet(PDF) 1 Page - Central Technologies

Part # CT0201F
Description  Multi-layer Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0201F Datasheet(HTML) 1 Page - Central Technologies

  CT0201F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2013 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 07.01.13
Multi-layer Chip Inductors - Ceramic
www.ctparts.com
CT0201F
Series
From 1.0 nH to 100 nH
SPECIFICATIONS
Part numbers indicate available inductance tolerance
S = ±0.3nH, J = ±5%
L, Q
SRF
DCR
Rated Current
Part
Inductance
Test
Q
(MHz)
(
Ω)
(mA)
Number
(nH)
Freq.
Min.
Min.
Max.
Max.
CT0201F-1N0S
1.0
100MHz, 500mV
4
>10000
0.11
470
CT0201F-1N2S
1.2
100MHz, 500mV
4
>10000
0.12
450
CT0201F-1N5S
1.5
100MHz, 500mV
4
>10000
0.13
430
CT0201F-1N8S
1.8
100MHz, 500mV
4
>10000
0.16
390
CT0201F-2N0S
2.0
100MHz, 500mV
4
>10000
0.17
380
CT0201F-2N2S
2.2
100MHz, 500mV
4
8800
0.19
360
CT0201F-2N4S
2.4
100MHz, 500mV
4
8300
0.20
350
CT0201F-2N7S
2.7
100MHz, 500mV
4
7700
0.21
340
CT0201F-3N0S
3.0
100MHz, 500mV
4
7200
0.22
330
CT0201F-3N3S
3.3
100MHz, 500mV
4
6700
0.23
320
CT0201F-3N6S
3.6
100MHz, 500mV
4
6400
0.25
310
CT0201F-3N9S
3.9
100MHz, 500mV
4
6000
0.27
300
CT0201F-4N3S
4.3
100MHz, 500mV
4
5700
0.30
280
CT0201F-4N7S
4.7
100MHz, 500mV
4
5300
0.30
280
CT0201F-5N1S
5.1
100MHz, 500mV
4
5000
0.33
270
CT0201F-5N6S
5.6
100MHz, 500mV
4
4600
0.36
260
CT0201F-6N2S
6.2
100MHz, 500mV
4
4200
0.38
250
CT0201F-6N8J
6.8
100MHz, 500mV
4
3900
0.39
250
CT0201F-7N5J
7.5
100MHz, 500mV
4
3600
0.41
240
CT0201F-8N2J
8.2
100MHz, 500mV
4
3400
0.45
230
CT0201F-9N1J
9.1
100MHz, 500mV
4
3200
0.48
220
CT0201F-10NJ
10
100MHz, 500mV
4
2900
0.51
220
CT0201F-12NJ
12
100MHz, 500mV
4
2700
0.68
190
CT0201F-15NJ
15
100MHz, 500mV
4
2300
0.71
180
CT0201F-18NJ
18
100MHz, 500mV
4
2100
0.81
170
CT0201F-22NJ
22
100MHz, 500mV
4
1800
1.00
150
CT0201F-27NJ
27
100MHz, 500mV
4
1800
1.35
120
CT0201F-33NJ
33
100MHz, 500mV
4
1700
1.47
110
CT0201F-39NJ
39
100MHz, 500mV
4
1500
1.72
100
CT0201F-47NJ
47
100MHz, 500mV
4
1300
1.90
100
CT0201F-56NJ
56
100MHz, 500mV
4
1100
2.27
80
CT0201F-68NJ
68
100MHz, 500mV
4
1100
2.66
80
CT0201F-82NJ
82
100MHz, 500mV
4
1000
3.37
70
CT0201F-R10J
100
100MHz, 500mV
4
900
3.74
60
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description:
SMD ceramic core, multi-layer chip inductor for
high frequency.
Applications:
Cellular telephones, cordless telephones,
pagers, computer communications, radar detectors, automotive
electronics, keyless remotes and miscellaneous high-frequency
circuits.
Operating Temperature:
-55°C to +125°C
Inductance Tolerance:
±0.3nH, ±5%
Testing:
Inductance and Q are tested on an HP4287A at
100MHz, 500mV.
Packaging:
Tape & Reel.
Marking:
Reels are marked with inductance code and tolerance.
Miscellaneous:
RoHS Compliant.
Additional Information:
Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
D
A
D
B
C
Terminal
Electrode
Direction
Mark
0.75 ~ 1.05
0.3
0.3
A
B
C
D
0.6±0.03
0.3±0.03
0.3±0.03
0.15±0.05
0.02± 0.001
0.01±0.001
0.01±0.001
0.006±0.002
Size
mm
inches
CT0201F-10NJ
10
100MHz, 500mV
4
2900
0.51
220
CT0201F-12NJ
12
100MHz, 500mV
4
2700
0.68
190
CT0201F-15NJ
15
100MHz, 500mV
4
2300
0.71
180
CT0201F-18NJ
18
100MHz, 500mV
4
2100
0.81
170
CT0201F-22NJ
22
100MHz, 500mV
4
1800
1.00
150
CT0201F-27NJ
27
100MHz, 500mV
4
1800
1.35
120
CT0201F-33NJ
33
100MHz, 500mV
4
1700
1.47
110
CT0201F-39NJ
39
100MHz, 500mV
4
1500
1.72
100
CT0201F-47NJ
47
100MHz, 500mV
4
1300
1.90
100
CT0201F-56NJ
56
100MHz, 500mV
4
1100
2.27
80
CT0201F-68NJ
68
100MHz, 500mV
4
1100
2.66
80
CT0201F-82NJ
82
100MHz, 500mV
4
1000
3.37
70
Unit: mm


Similar Part No. - CT0201F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0201CSF CT-CT0201CSF Datasheet
450Kb / 2P
Wire-wound Chip Inductors - Open
CT0201CSF-0N5K CT-CT0201CSF-0N5K Datasheet
450Kb / 2P
Wire-wound Chip Inductors - Open
CT0201CSF-0N6K CT-CT0201CSF-0N6K Datasheet
450Kb / 2P
Wire-wound Chip Inductors - Open
CT0201CSF-11NJ CT-CT0201CSF-11NJ Datasheet
450Kb / 2P
Wire-wound Chip Inductors - Open
CT0201CSF-12NJ CT-CT0201CSF-12NJ Datasheet
450Kb / 2P
Wire-wound Chip Inductors - Open
More results

Similar Description - CT0201F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
Multi-Layer Chip Inductors
CI201210 BOURNS-CI201210 Datasheet
751Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808 Datasheet
253Kb / 2P
Multi-Layer Chip Inductors
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
Ferrite Multi-Layer Chip Inductors
CE201210 BOURNS-CE201210 Datasheet
208Kb / 2P
Multi-Layer Chip Inductors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
Multi-layer Chip Inductors - Ceramic
logo
Bourns Electronic Solut...
CE201210 BOURNS-CE201210_12 Datasheet
259Kb / 2P
Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505_12 Datasheet
103Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808_11 Datasheet
218Kb / 2P
Multi-Layer Chip Inductors
logo
Central Technologies
CTLL2012F-FH CT-CTLL2012F-FH Datasheet
306Kb / 1P
Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com