Electronic Components Datasheet Search
  English  ▼

X  

CT0603LSF Datasheet(PDF) 1 Page - Central Technologies

Part # CT0603LSF
Description  SMD Wire-wound Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0603LSF Datasheet(HTML) 1 Page - Central Technologies

  CT0603LSF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 08.08.07
SMD Wire-wound Chip Inductors
www.ctparts.com
CT0603LSF
Series
From 47 nH to 10000 nH
SPECIFICATIONS
Please specify tolerance code when ordering.
CT0603LSF-471_
J = ±5%, K = ±10%
L Test
Q
Q Test
SRF
DCR
IDC
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
Max.
Number
(nH)
(MHz)
Min.
(MHz)
(MHz)
(W)
(mA)
CT0603LSF-47N_
47
7.9
17
7.9
1700
0.075
1500
CT0603LSF-72N_
72
7.9
17
7.9
1700
0.12
1500
CT0603LSF-101_
100
7.9
17
7.9
1650
0.13
1500
CT0603LSF-121_
120
7.9
17
7.9
1400
0.15
1500
CT0603LSF-151_
150
7.9
17
7.9
1350
0.15
1450
CT0603LSF-181_
180
7.9
17
7.9
1150
0.15
1400
CT0603LSF-221_
220
7.9
17
7.9
1150
0.16
1350
CT0603LSF-241_
240
7.9
17
7.9
1050
0.19
1300
CT0603LSF-271_
270
7.9
17
7.9
1050
0.30
1050
CT0603LSF-331_
330
7.9
17
7.9
850
0.46
1200
CT0603LSF-391_
390
7.9
17
7.9
810
0.51
1200
CT0603LSF-471_
470
7.9
17
7.9
720
0.62
1050
CT0603LSF-561_
560
7.9
17
7.9
600
0.44
850
CT0603LSF-681_
680
7.9
17
7.9
600
0.52
850
CT0603LSF-781_
780
7.9
17
7.9
540
0.83
850
CT0603LSF-821_
820
7.9
17
7.9
480
0.69
750
CT0603LSF-102_
1000
7.9
18
7.9
310
0.81
600
CT0603LSF-122_
1200
7.9
17
7.9
270
0.87
550
CT0603LSF-152_
1500
7.9
17
7.9
270
1.06
540
CT0603LSF-182_
1800
7.9
17
7.9
230
1.10
520
CT0603LSF-222_
2200
7.9
17
7.9
150
1.20
500
CT0603LSF-272_
2700
7.9
17
7.9
105
1.50
480
CT0603LSF-332_
3300
7.9
17
7.9
84
1.50
440
CT0603LSF-392_
3900
7.9
17
7.9
80
1.60
430
CT0603LSF-472_
4700
7.9
18
7.9
69
2.10
420
CT0603LSF-562_
5600
7.9
18
7.9
65
2.60
400
CT0603LSF-682_
6800
7.9
19
7.9
55
3.10
400
CT0603LSF-782_
7800
7.9
17
7.9
47
3.50
400
CT0603LSF-822_
8200
7.9
17
7.9
42
3.60
400
CT0603LSF-103_
10000
7.9
19
7.9
40
4.80
300
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD ferrite core wire-wound chip inductor.
Applications: LC resonant circuits such as oscillator and signal
generators, impedance matching, circuit isolation, RF filters, disk
drives and computer peripherals, audio and video equipment, TV,
radio and telecommunication equipment.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±5%, ±10%
Testing: Inductance and Q are tested on an HP4286A at
specified frequency.
Packaging: Tape & Reel, 4000 parts per reel
Miscellaneous: RoHS Compliant.
Marking: Parts are marked with inductance code
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
B
C
D
Terminal wraparound
G
Terminal
F
E
F
A
1.02
(0.040)
0.64
(0.025)
0.64
(0.025)
0.64
(0.025)
A
B
C
D
E
F
G
Max.
Max.
Max.
Ref.
1.8
1.25
1.02
0.38
0.86
0.33
0.76
0.071
0.049
0.040
0.015
0.034
0.013
0.030
Size
mm
inches
Unit: mm
(inch)


Similar Part No. - CT0603LSF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0603LS CT-CT0603LS Datasheet
206Kb / 1P
SMD Wire-wound Chip Inductors
CT0603LS-101J CT-CT0603LS-101J Datasheet
206Kb / 1P
SMD Wire-wound Chip Inductors
CT0603LS-101K CT-CT0603LS-101K Datasheet
206Kb / 1P
SMD Wire-wound Chip Inductors
CT0603LS-102J CT-CT0603LS-102J Datasheet
206Kb / 1P
SMD Wire-wound Chip Inductors
CT0603LS-102K CT-CT0603LS-102K Datasheet
206Kb / 1P
SMD Wire-wound Chip Inductors
More results

Similar Description - CT0603LSF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0603LS CT-CT0603LS Datasheet
206Kb / 1P
SMD Wire-wound Chip Inductors
CT1008CSF CT-CT1008CSF Datasheet
206Kb / 1P
SMD Wire-wound Chip Inductors
CT1008LS CT-CT1008LS Datasheet
227Kb / 1P
SMD Wire-wound Chip Inductors
CT1206CSF CT-CT1206CSF Datasheet
160Kb / 1P
SMD Wire-wound Chip Inductors
CT1210LSC CT-CT1210LSC Datasheet
183Kb / 1P
SMD Wire-wound Chip Inductors
CT0402HPF CT-CT0402HPF Datasheet
398Kb / 1P
SMD Wire-wound Chip Inductors
CT0805HQF CT-CT0805HQF Datasheet
367Kb / 1P
SMD Wire-wound Chip Inductors
CT1008LSF CT-CT1008LSF Datasheet
375Kb / 1P
SMD Wire-wound Chip Inductors
CT1210LSCF CT-CT1210LSCF Datasheet
405Kb / 1P
SMD Wire-wound Chip Inductors
CT1812CSF CT-CT1812CSF Datasheet
189Kb / 1P
SMD Wire-wound Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com