Electronic Components Datasheet Search
  English  ▼

X  

CT814AYF Datasheet(PDF) 1 Page - Central Technologies

Part # CT814AYF
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT814AYF Datasheet(HTML) 1 Page - Central Technologies

  CT814AYF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2009 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
09.08.09
Size
A
B
C
D
E
Max.
Max.
Ref.
Max.
mm
9.7
11.5
9.0
5.0
2.8
inches
0.38
0.45
0.35
0.20
0.11
PHYSICAL DIMENSIONS
PAD LAYOUT
AD
E
C
B
100
3.0
SPECIFICATIONS
Part numbers are marked to indicate tolerance available.
K = ±10%, M = ±20%
L Test
DCR
Saturation
Temp.
Part
Inductance
Freq.
Max.
Current
Current
Number
(µH)
(kHz)
(
Ω
Ω)
(A)
(A)
CT814AYF-100M
10
100
0.047
2.60
4.50
CT814AYF-120M
12
100
0.050
2.48
4.20
CT814AYF-150M
15
100
0.058
2.27
3.80
CT814AYF-180M
18
100
0.067
2.15
3.40
CT814AYF-220M
22
100
0.075
2.00
3.00
CT814AYF-270M
27
100
0.087
1.84
2.60
CT814AYF-330M
33
100
0.095
1.72
2.40
CT814AYF-390M
39
100
0.120
1.58
2.20
CT814AYF-470M
47
100
0.150
1.44
2.00
CT814AYF-560M
56
100
0.180
1.28
1.88
CT814AYF-680M
68
100
0.200
1.20
1.80
CT814AYF-820M
82
100
0.230
1.09
1.68
CT814AYF-101K
100
100
0.270
1.05
1.60
CT814AYF-121K
120
100
0.330
0.92
1.40
CT814AYF-151K
150
100
0.400
0.80
1.20
CT814AYF-181K
180
100
0.530
0.73
1.02
CT814AYF-221K
220
100
0.600
0.69
0.92
CT814AYF-271K
270
100
0.840
0.60
0.84
CT814AYF-331K
330
100
1.000
0.53
0.78
CT814AYF-391K
390
100
1.090
0.49
0.72
CT814AYF-471K
470
100
1.250
0.46
0.64
CT814AYF-561K
560
100
1.630
0.41
0.58
CT814AYF-681K
680
100
1.900
0.38
0.54
CT814AYF-821K
820
100
2.440
0.34
0.50
CT814AYF-102K
1000
100
2.800
0.31
0.44
CT814AYF-122K
1200
100
3.670
0.27
0.40
CT814AYF-152K
1500
100
4.370
0.25
0.36
CT814AYF Series
From 10 µH to 1500 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (unshielded) power inductor
Applications: LCD televisions, PC notebooks, portable
communication equipment, DC/DC converters, etc.
Operating Temperature: -30°C to +100°C
Inductance Tolerance: ±10%, ±20%
Saturation Current: This indicates the value of current when the
inductance is 10% lower than it’s initial value at D.C. superposition
or D.C. current.
Temperature Current: To load current onto the components
under normal ambience, which cause the temp., change as
Δt=40°C or more lower current.
Testing: Inductance is tested on an HP4285A at 100 kHz, 0.25V.
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request. Samples available. See
website for ordering information.
RoHS
Compliant
Unit:mm


Similar Part No. - CT814AYF

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT814A CTMICRO-CT814A Datasheet
1Mb / 15P
AC Input 4-Pin Phototransistor Optocoupler
CT814A-G CTMICRO-CT814A-G Datasheet
1Mb / 15P
AC Input 4-Pin Phototransistor Optocoupler
CT814AM CTMICRO-CT814AM Datasheet
1Mb / 15P
AC Input 4-Pin Phototransistor Optocoupler
CT814AM-G CTMICRO-CT814AM-G Datasheet
1Mb / 15P
AC Input 4-Pin Phototransistor Optocoupler
CT814AMT1 CTMICRO-CT814AMT1 Datasheet
1Mb / 15P
AC Input 4-Pin Phototransistor Optocoupler
More results

Similar Description - CT814AYF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
CTGS43F CT-CTGS43F Datasheet
331Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com