Electronic Components Datasheet Search
  English  ▼

X  

CT1210F Datasheet(PDF) 1 Page - Central Technologies

Part # CT1210F
Description  DIP Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT1210F Datasheet(HTML) 1 Page - Central Technologies

  CT1210F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIP Inductors - Shielded
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2009 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
04.22.09
SPECIFICATIONS
Inductance
DCR
DCR
Isat
Irms
Dim. “H”
Pin Dim.
Part
±20%
Typ.
Max.
Typ.
Typ.
Max.
±0.2
Number
(µH)
(m
Ω
Ω)(mΩ
Ω)
(A)
(A)
(mm)
(mm)
CT1210F-R22M
0.22
0.50
0.60
56
38.0
7.5
1.4
CT1210F-R33M
0.33
0.70
0.80
48
33.0
8.6
1.4
CT1210F-R36M
0.36
0.70
0.80
48
33.0
8.6
1.4
CT1210F-R39M
0.39
0.70
0.80
45
33.0
8.6
1.4
CT1210F-R47M
0.47
0.85
1.00
40
30.0
10.0
1.5
CT1210F-R56M
0.56
0.85
1.00
40
30.0
10.0
1.5
CT1210F-R60M
0.60
0.85
1.00
40
30.0
10.0
1.5
CT1210F-R68M
0.68
0.85
1.00
40
30.0
10.0
1.5
CT1210F-R80M
0.80
1.10
1.25
36
26.0
10.0
1.4
CT1210F-1R0M
1.00
1.75
2.00
32
21.0
10.0
1.2
CT1210F-1R5M
1.50
3.00
3.50
30
16.0
10.0
1.0
CT1210F-2R2M
2.20
4.30
5.00
24
13.6
10.0
1.0
CT1210F-2R8M
2.80
5.60
6.40
20
12.3
10.0
0.9
CT1210F-3R3M
3.30
6.80
7.70
16
11.2
10.0
0.8
CT1210F-4R7M
4.70
8.80
10.00
15
10.0
10.0
0.8
CT1210F Series
From 0.22 µH to 4.7 µH
Not shown at actual size.
CHARACTERISTICS
Description: DIP (shielded) power inductors
Applications: Motherboards for laptop and desktop computers &
DC/DC converters
Operating Temperature: -25°C to +125°C
Inductance Tolerance: ±20%
Testing: Inductance tested at 100kHz, 0.1V
Packaging: Bulk packaged
Marking: Marked with inductance code
Isat: The value of current indicates that inductance drops 20%
typ. from it’s initial value without DC current.
Irms: The value of current indicates that the temperature of the
coil increases 40°C typ.
Features:
* Shielded construction
* High current rating up to 38Adc
* High frequency range up to 500kHz
* Very low DC resistance
* Low noise
Miscellaneous: RoHS Compliant.
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
A
H
C
Pin Dim.
D
B
S
F
Size
A
B
C
D
mm
12.3±0.5
10.2±0.5
3.4±0.5
8.0±0.5
inches
0.484±0.02
0.402±0.02
0.134±0.02
0.315±0.02
RoHS
Compliant


Similar Part No. - CT1210F

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CT121003ALM AAC-CT121003ALM Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT121003ALO AAC-CT121003ALO Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT121003AMM AAC-CT121003AMM Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT121003AMO AAC-CT121003AMO Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT121003ANM AAC-CT121003ANM Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
More results

Similar Description - CT1210F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDM109N SUPERWORLD-SDM109N Datasheet
260Kb / 6P
MOLDING TYPE DIP INDUCTORS
SDM119N SUPERWORLD-SDM119N Datasheet
291Kb / 7P
MOLDING TYPE DIP INDUCTORS
SDM129N SUPERWORLD-SDM129N Datasheet
260Kb / 6P
MOLDING TYPE DIP INDUCTORS
logo
Central Technologies
CTSDM129NF CT-CTSDM129NF Datasheet
243Kb / 2P
DIP Inductors - Shielded
logo
XFMRS Inc.
XF26175SH XFMRS-XF26175SH Datasheet
84Kb / 2P
SHIELDED INDUCTORS
XFS1MDR1714SH XFMRS-XFS1MDR1714SH Datasheet
82Kb / 2P
SHIELDED INDUCTORS
XFXXXXSH1 XFMRS-XFXXXXSH1 Datasheet
53Kb / 1P
SHIELDED INDUCTORS
1XFSH1M XFMRS-1XFSH1M_15 Datasheet
42Kb / 1P
SHIELDED INDUCTORS
logo
Central Technologies
CT1312F CT-CT1312F Datasheet
204Kb / 1P
DIP Inductors - Shielded
CT1714F CT-CT1714F Datasheet
203Kb / 1P
DIP Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com