Electronic Components Datasheet Search
  English  ▼

X  

CT1812SF Datasheet(PDF) 1 Page - Central Technologies

Part # CT1812SF
Description  Wire-wound Chip Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT1812SF Datasheet(HTML) 1 Page - Central Technologies

  CT1812SF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2011 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 08.26.11
Wire-wound Chip Inductors - Shielded www.ctparts.com
CT1812SF Series
From 4.7 µH to 1,000 µH
SPECIFICATIONS
Parts are available in ±20% inductance tolerance only.
L Test
SRF
DCR
IDC
Part
Inductance
Freq.
Q
(MHz)
(Ω)
(mA)
Number
(µH)
(MHz)
Min.
Min.
Max.
Max.
CT1812SF-4R7M
4.7
7.96
6
50.0
0.90
471
CT1812SF-8R2M
8.2
7.96
5
30.0
0.82
292
CT1812SF-100M
10
2.52
8
25.0
1.80
333
CT1812SF-150M
15
2.52
8
13.0
2.20
301
CT1812SF-470M
47
2.52
10
11.5
1.20
120
CT1812SF-560M
56
2.52
10
8.00
3.00
235
CT1812SF-680M
68
2.52
15
9.00
6.00
130
CT1812SF-820M
82
2.52
30
6.00
12.0
79
CT1812SF-101M
100
2.52
30
6.00
14.0
73
CT1812SF-121M
120
0.796
35
5.00
3.64
139
CT1812SF-221M
220
0.796
40
4.00
8.00
150
CT1812SF-471M
470
0.796
40
3.30
14.0
82
CT1812SF-681M
680
0.796
40
2.10
17.0
90
CT1812SF-821M
820
0.796
25
1.45
16.8
210
CT1812SF-102M
1000
0.796
40
1.80
29.0
6
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD Shielded Wire-wound Chip Inductor.
Applications: Personal computers, ADSL/VoIP, Hard disk drives,
etc.
Operating Temperature: -35°C to +85°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on a HP4285A or a HP4286A at
the specified frequency.
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
XXX
A
B
C
D
Marking: Inductance Code
1.5 Ref.
3.0 Ref.
A
B
C
D
Max.
4.5±0.4
3.2±0.3
3.2±0.3
5.1
0.177±0.016
0.12±0.012
0.12±0.012
0.20
Size
mm
inches
Unit: mm


Similar Part No. - CT1812SF

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT1812S115ATELEG2 EPCOS-CT1812S115ATELEG2 Datasheet
706Kb / 30P
Ceramic transient voltage suppressors
CT1812S14BAUTOE2G2 EPCOS-CT1812S14BAUTOE2G2 Datasheet
192Kb / 14P
Ceramic transient voltage suppressors
CT1812S14BAUTOG EPCOS-CT1812S14BAUTOG Datasheet
94Kb / 5P
Multilayer technology
CT1812S14BAUTOG EPCOS-CT1812S14BAUTOG Datasheet
192Kb / 14P
Ceramic transient voltage suppressors SMD multilayer varistor, E series
CT1812S17GK2 EPCOS-CT1812S17GK2 Datasheet
1Mb / 81P
Ceramic transient voltage suppressors
More results

Similar Description - CT1812SF

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
Wire Wound Chip Inductors
logo
Central Technologies
CT0603PSF CT-CT0603PSF Datasheet
505Kb / 1P
SMD Shielded Wire-wound Chip Inductors
CT0805PSF CT-CT0805PSF Datasheet
498Kb / 1P
SMD Shielded Wire-wound Chip Inductors ctparts
CT1008PS CT-CT1008PS Datasheet
170Kb / 1P
SMD Shielded Wire-wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100M TAIYO-YUDEN-LB2016T100M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
LB2016T150K TAIYO-YUDEN-LB2016T150K Datasheet
143Kb / 1P
Wire-wound Chip Inductors
logo
Central Technologies
CT1210SF CT-CT1210SF Datasheet
400Kb / 1P
Wire-wound Chip Inductors - Shielded
CT1008PSF CT-CT1008PSF Datasheet
250Kb / 1P
SMD Shielded Wire-wound Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com