Electronic Components Datasheet Search
  English  ▼

X  

CT4015F Datasheet(PDF) 1 Page - Central Technologies

Part # CT4015F
Description  Wire-wound Chip Inductors - Open Wound
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT4015F Datasheet(HTML) 1 Page - Central Technologies

  CT4015F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2010 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 03.30.10
Wire-wound Chip Inductors - Open Wound www.ctparts.com
CT2214F & CT4015F
Series
From 1.65 nH to 12.55 nH
SPECIFICATIONS
Part numbers indicate inductance tolerance available.
J = ±5%, K = ±10%
L Test
SRF
Part
Inductance
Freq.
Q
(GHz)
Number
(nH)
(MHz)
Min.
Min.
CT2214F-02K
1.65
800
100
3.0
CT2214F-03K
2.55
800
100
3.0
CT2214F-04K
3.85
800
100
3.0
CT2214F-05J
5.45
800
100
3.0
CT4015F-06J
5.60
800
100
3.0
CT4015F-07J
7.15
800
100
3.0
CT4015F-08J
8.80
800
100
3.0
CT4015F-09J
9.85
800
100
3.0
CT4015F-10J
12.55
800
100
3.0
Not Shown at Actual Size
CHARACTERISTICS
CT2214F SERIES
CT2214F SERIES
CT4015F SERIES
CT4015F SERIES
PHYSICAL DIMENSIONS
PAD LAYOuT
Description: SMD air coil inductor.
Applications: Designed to operate a wide frequency range
application. Also designed to operate in high Q applications.
Operating Temperature: -40°C to 125°C
Inductance Tolerance: ±5%, ±10%
Testing: Inductance is tested on an HP4286A at 800MHz.
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
Top View
Side View
Bottom View
A
B
D
C
E
J
F
G
H
I
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
2.20±0.3
1.40±0.2
1.40±0.2
1.80±0.3
0.90±0.3
0.09±0.012
0.05±0.008
0.05±0.008
0.07±0.012
0.03±0.012
1.0
2.5
2.6
1.0
0.8
0.04
0.10
0.102
0.04
0.03
4.00±0.3
1.50±0.2
1.50±0.2
3.50±0.3
0.90±0.3
0.16±0.012
0.06±0.008
0.06±0.008
0.14±0.012
0.03±0.012
1.0
2.5
4.5
2.9
0.8
0.04
0.10
0.18
0.11
0.03
Size
mm
inches
Size
mm
inches
Size
mm
inches
Size
mm
inches


Similar Part No. - CT4015F

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CT40 CDIL-CT40 Datasheet
163Kb / 4P
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
logo
Extech Instruments Corp...
CT40 EXTECH-CT40 Datasheet
248Kb / 1P
16-Line Cable Identifier/Tester Kit
logo
Hammond Manufacturing L...
CT400A HAMMOND-CT400A Datasheet
284Kb / 1P
Current Transformers - Indoor Toroidal CT Series
logo
Renesas Technology Corp
CT40KM-8H RENESAS-CT40KM-8H Datasheet
110Kb / 5P
Nch IGBT for Strobe Flasher
CT40KM-8H RENESAS-CT40KM-8H Datasheet
61Kb / 5P
Nch IGBT for Strobe Flasher
More results

Similar Description - CT4015F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
CT0603QWF CT-CT0603QWF Datasheet
89Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com