Electronic Components Datasheet Search
  English  ▼

X  

CTAC0805F Datasheet(PDF) 1 Page - Central Technologies

Part # CTAC0805F
Description  Wire-wound Chip Inductors - Open Wound
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTAC0805F Datasheet(HTML) 1 Page - Central Technologies

  CTAC0805F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 06.03.15
Wire-wound Chip Inductors - Open Wound www.ctparts.com
CTAC0805F Series
From 3.9nH to 33nH
SPECIFICATIONS
Parts are available in ±10% inductance tolerance only.
Test
SRF
DCR
IDC
Part
Inductance
Freq.
Q
(MHz)
(m
Ω)
(mA)
Number
(nH)
(MHz)
Min.
Min.
Max.
Max.
CTAC0805F-3N9K
3.9
300
80
>3000
2.6
1200
CTAC0805F-4N7K
4.7
300
80
>3000
3.6
900
CTAC0805F-5N6K
5.6
300
80
>3000
3.7
950
CTAC0805F-6N8K
6.8
300
80
>3000
4.5
900
CTAC0805F-8N2K
8.2
300
80
>3000
5.3
840
CTAC0805F-10NK
10
300
70
>3000
5.4
900
CTAC0805F-12NK
12
300
70
>3000
6.3
900
CTAC0805F-15NK
15
300
70
2500
7.2
900
CTAC0805F-18NK
18
300
70
2500
12.5
500
CTAC0805F-22NK
22
300
70
2400
12.9
550
CTAC0805F-27NK
27
300
70
1600
14.5
550
CTAC0805F-33NK
33
300
70
1600
18.7
500
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD air core inductor
Applications: Pager, Cordless phone & High Freq.
Communication Products, Intercom, CATV
Operating Temperature: -25°C to +85°C
Inductance Tolerance: ±10%
Testing: Inductance is tested on a HP4286A at 300MHz
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
135°
0-0.3
180°
C
1.02
Min.
0.76
Min.
1.02
Min.
A
B
C
Max.
Max.
Max.
1.80
2.10
2.85
0.071
0.083
0.112
Size
mm
inches
Unit: mm
CTAC0805F-10NK
10
300
70
>3000
5.4
900
CTAC0805F-12NK
12
300
70
>3000
6.3
900
CTAC0805F-15NK
15
300
70
2500
7.2
900
CTAC0805F-18NK
18
300
70
2500
12.5
500
CTAC0805F-22NK
22
300
70
2400
12.9
550
CTAC0805F-27NK
27
300
70
1600
14.5
550
CTAC0805F-33NK
33
300
70
1600
18.7
500


Similar Part No. - CTAC0805F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
More results

Similar Description - CTAC0805F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
CT0603QWF CT-CT0603QWF Datasheet
89Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com