Electronic Components Datasheet Search
  English  ▼

X  

MAX186BEPP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX186BEPP
Description  Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX186BEPP Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX186BEPP Datasheet HTML 12Page - Maxim Integrated Products MAX186BEPP Datasheet HTML 13Page - Maxim Integrated Products MAX186BEPP Datasheet HTML 14Page - Maxim Integrated Products MAX186BEPP Datasheet HTML 15Page - Maxim Integrated Products MAX186BEPP Datasheet HTML 16Page - Maxim Integrated Products MAX186BEPP Datasheet HTML 17Page - Maxim Integrated Products MAX186BEPP Datasheet HTML 18Page - Maxim Integrated Products MAX186BEPP Datasheet HTML 19Page - Maxim Integrated Products MAX186BEPP Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Low-Power, 8-Channel,
Serial 12-Bit ADCs
16
______________________________________________________________________________________
Reference
Reference-
VREF
Power-
Power-Up
Maximum
Buffer
Buffer
Capacitor
Down
Delay
Sampling
Compensation
(µF)
Mode
(sec)
Rate (ksps)
Mode
Enabled
Internal
Fast
5µ
26
Enabled
Internal
Full
300µ
26
Enabled
External
4.7
Fast
See Figure 14c
133
Enabled
External
4.7
Full
See Figure 14c
133
Disabled
Fast
2µ
133
Disabled
Full
2µ
133
Table 5. Typical Power-Up Delay Times
PD1
PD0
Device Mode
1
1
External Clock Mode
1
0
Internal Clock Mode
0
1
Fast Power-Down Mode
0
0
Full Power-Down Mode
SHDN
Device
Reference-Buffer
State
Mode
Compensation
1
Enabled
Internal Compensation
Floating
Enabled
External Compensation
0
Full Power-Down
N/A
Table 6. Software Shutdown and Clock Mode
Table 7. Hard-Wired Shutdown and
Compensation Mode
POWERED UP
FULL
POWER
DOWN
POWERED
UP
POWERED UP
DATA VALID
(12 DATA BITS)
DATA VALID
(12 DATA BITS)
DATA INVALID
VALID
EXTERNAL
EXTERNAL
INTERNAL
SX XXXX 11
S
0 1
XX
X
X
X
X X XXX
S1 1
FAST
POWER-DOWN
MODE
DOUT
DIN
CLOCK
MODE
SHDN
SETS EXTERNAL
CLOCK MODE
SETS EXTERNAL
CLOCK MODE
SETS FAST
POWER-DOWN
MODE
Figure 12a. Timing Diagram Power-Down Modes, External Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com