Electronic Components Datasheet Search
  English  ▼

X  

MAX192BCWP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX192BCWP
Description  Low-Power, 8-Channel, Serial 10-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX192BCWP Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX192BCWP Datasheet HTML 12Page - Maxim Integrated Products MAX192BCWP Datasheet HTML 13Page - Maxim Integrated Products MAX192BCWP Datasheet HTML 14Page - Maxim Integrated Products MAX192BCWP Datasheet HTML 15Page - Maxim Integrated Products MAX192BCWP Datasheet HTML 16Page - Maxim Integrated Products MAX192BCWP Datasheet HTML 17Page - Maxim Integrated Products MAX192BCWP Datasheet HTML 18Page - Maxim Integrated Products MAX192BCWP Datasheet HTML 19Page - Maxim Integrated Products MAX192BCWP Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Low-Power, 8-Channel,
Serial 10-Bit ADC
16
______________________________________________________________________________________
Reference
Reference-
VREF
Power-
Power-Up
Maximum
Buffer
Buffer
Capacitor
Down
Delay
Sampling
Compensation
(µF)
Mode
(sec)
Rate (ksps)
Mode
Enabled
Internal
Fast
5µ
26
Enabled
Internal
Full
300µ
26
Enabled
External
4.7
Fast
See Figure 14c
133
Enabled
External
4.7
Full
See Figure 14c
133
Disabled
Fast
2µ
133
Disabled
Full
2µ
133
Table 5. Worst-Case Power-Up Delay Times
PD1
PD0
Device Mode
1
1
External Clock Mode
1
0
Internal Clock Mode
0
1
Fast Power-Down Mode
0
0
Full Power-Down Mode
S
SH
HD
DN
N
Device
Reference-Buffer
State
Mode
Compensation
1
Enabled
Internal Compensation
Floating
Enabled
External Compensation
0
Full Power-Down
N/A
tors that will not discharge more than 1/2LSB while shut
down. In shutdown, the capacitor has to supply the cur-
rent into the reference (1.5µA typ) and the transient cur-
rents at power-up.
Figures 12a and 12b illustrate the various power-down
sequences in both external and internal clock modes.
Software Power-Down
Software power-down is activated using bits PD1 and
PD0 of the control byte. As shown in Table 6, PD1 and
PD0 also specify the clock mode. When software shut-
down is asserted, the ADC will continue to operate in
the last specified clock mode until the conversion is
complete. Then the ADC powers down into a low quies-
cent-current state. In internal clock mode, the interface
remains active and conversion results may be clocked
out while the MAX192 has already entered a software
power-down.
The first logical 1 on DIN will be interpreted as a start
bit, and powers up the MAX192. Following the start bit,
the data input word or control byte also determines
clock and power-down modes. For example, if the DIN
word contains PD1 = 1, then the chip will remain pow-
ered up. If PD1 = 0, a power-down will resume after
one conversion.
Hardware Power-Down
The SHDN pin places the converter into the full
power-down mode. Unlike with the software shutdown
modes, conversion is not completed. It stops coinci-
dentally with SHDN being brought low. There is no
power-up delay if an external reference is used and is
not shut down. The SHDN pin also selects internal or
external reference compensation (see Table 7).
Power-Down Sequencing
The MAX192 auto power-down modes can save con-
siderable power when operating at less than maximum
sample rates. The following discussion illustrates the
various power-down sequences.
Lowest Power at up to 500
Conversions/Channel/Second
The following examples illustrate two different
power-down sequences. Other combinations of clock
rates, compensation modes, and power-down modes
may give lowest power consumption in other applica-
tions.
Figure 14a depicts the MAX192 power consumption for
one or eight channel conversions utilizing full
power-down mode and internal reference compensa-
tion. A 0.01µF bypass capacitor at REFADJ forms an
Table 7. Hard-Wired Shutdown and
Compensation Mode
Table 6. Software Shutdown and Clock
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com