Electronic Components Datasheet Search
  English  ▼

X  

PEX8533 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # PEX8533
Description  Flexible & Versatile PCI Express
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PEX8533 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  PEX8533 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PEX8533 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PEX8533 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED PEX8533 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLX Confidential
Flexible Port Width Configuration
The lane width of each port can be individually
configured through auto-negotiation, hardware
strapping, host software configuration, I
2C interface, or
through an optional EEPROM.
The PEX 8533 supports a large number of port
configurations. For example, if you are using the PEX
8533 in a fan-out application, you may configure the
upstream port as a x8 and the downstream as one x8 port
& four x4 ports; two x8 & two x4 ports; or other
combinations, as long as you don’t run out of lanes (32)
or ports (6). For a dual-graphics application, you may
configure the device as one x16 upstream and two x8
downstream ports (see Figure 1). The device can also
support x2 & x1 ports by auto-negotiating its x4 ports to
the width of the actual end-device it is interfacing with.
Figure 1. Port Flexibility
Low Packet Latency
The PEX 8533 supports packet cut-through with a
latency of 115ns between symmetric x8 ingress and
egress ports. The low latency enables many applications
to achieve high throughput and performance. In addition
to low latency, the device supports a packet payload size
of up to 1024 bytes, enabling the user to achieve even
higher throughput.
Hot Plug for High Availability
Hot plug capability allows users to replace hardware
modules and perform maintenance without powering
down the system. The ExpressLane PEX 8533 hot plug
capabilities and Advanced Error Reporting features
make them suitable for high availability (HA)
applications. Three of the six ports include a Standard
Hot Plug Controller. If the PEX 8533 is used in an
application where one or more of its downstream ports
connect to PCI Express slots, the ports with the Hot Plug
Controller feature can be used for these slots. The device
will automatically manage the hot-plug event of its hot-
plug capable ports/slots. Furthermore, the hot-plug
capable ports can be used as a hot-plug client or
master, allowing it to be used on hot-pluggable carrier
modules, backplanes, and fabric modules.
Fully Compliant Power Management
For applications that require power management, the
PEX 8533 device supports both link (L0, L0s, L1, L2/L3
Ready, and L3) and device (D0 and D3hot) power
management states, in compliance with the PCI Express
power management specification.
SerDes Power and Signal Management
The ExpressLane PEX 8533 supports software control
of the SerDes outputs to allow optimization of power
and signal strength in a system. The PLX SerDes
implementation supports four levels of power – off, low,
typical and high. The SerDes block also supports loop-
back modes and advanced reporting of error
conditions, which enables efficient debug and
management of the entire system.
Applications
Suitable for host-centric as well as peer-to-peer traffic
patterns, the PEX 8533 can be configured for a wide
variety of form factors and applications.
Host Centric Fan-out
The ExpressLane PEX 8533 device, with its versatile
symmetric or asymmetric lane configuration capability,
allows for user specific tuning to a variety of host-
centric applications.
Figure 2. Fan-in/out Usage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com