| Electronic Components Datasheet Search |
|
PEX8616 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
PEX8616 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 4 page ![]() Dual-Host & Failover Support CPU CPU Primary Host Primary Host Root Complex Root Complex End Point End Point End Point End Point PEX 8616 PEX 8616 NT CPU CPU Secondary Host Secondary Host Non-Transparent Port Figure 2. Non-Transparent Port CPU CPU Primary Host Primary Host Root Complex Root Complex End Point End Point End Point End Point PEX 8616 PEX 8616 NT CPU CPU Secondary Host Secondary Host Non-Transparent Port CPU CPU Primary Host Primary Host CPU CPU Primary Host Primary Host Root Complex Root Complex Root Complex Root Complex End Point End Point End Point End Point End Point End Point End Point End Point PEX 8616 PEX 8616 NT CPU CPU Secondary Host Secondary Host CPU CPU Secondary Host Secondary Host Non-Transparent Port Figure 2. Non-Transparent Port The PEX 8616 product supports a Non-Transparent (NT) Port, which enables the implementation of multi- host systems and intelligent I/O modules in storage, communications, and blade server applications. The NT port allows systems to isolate host memory domains by presenting the processor subsystem as an endpoint rather than another memory system. Base address registers are used to translate addresses; doorbell registers are used to send interrupts between the address domains; and scratchpad registers (accessible by both CPUs) allow inter- processor communication (see Figure 2). In a two-port configuration (as in Figure 1), the PEX 8616 can serve as an NT buffer, isolating two host domains via two x8 links. Dual Cast The PEX 8616 supports Dual Cast, a feature which allows for the copying of data (e.g. packets) from one ingress port to two egress ports allowing for higher performance in dual-graphics, storage, security, and redundant applications. Read Pacing The Read Pacing feature allows users to throttle the amount of read requests being made by downstream devices. When a downstream device requests several long reads back-to-back, the Root Complex gets tied up in serving this downstream port. If this port has a narrow link and is therefore slow in receiving these read packets from the Root Complex, then other downstream ports may become starved – thus, impacting performance. The Read Pacing feature enhances performances by allowing for the adequate servicing of all downstream devices. Hot Plug for High Availability Hot plug capability allows users to replace hardware modules and perform maintenance without powering down the system. The PEX 8616 hot plug capability feature makes it suitable for High Availability (HA) applications. Two downstream ports include a Standard Hot Plug Controller. If the PEX 8616 is used in an application where one or more of its downstream ports connect to PCI Express slots, each port’s Hot Plug Controller can be used to manage the hot-plug event of its associated slot. Every port on the PEX 8616 is equipped with a hot-plug control/status register to support hot-plug capability through external logic via the I 2C interface. SerDes Power and Signal Management The PEX 8616 supports software control of the SerDes outputs to allow optimization of power and signal strength in a system. The PLX SerDes implementation supports four levels of power – off, low, typical, and high. The SerDes block also supports loop-back modes and advanced reporting of error conditions, which enables efficient management of the entire system. Interoperability The PEX 8616 is designed to be fully compliant with the PCI Express Base Specification r2.0, and is backwards compatible to PCI Express Base Specification r1.1 and r1.0a. Additionally, it supports auto-negotiation, lane reversal, and polarity reversal. Furthermore, the PEX 8616 is designed for Microsoft Vista compliance. All PLX switches undergo thorough interoperability testing in PLX’s Interoperability Lab and compliance testing at the PCI-SIG plug-fest. Applications Suitable for host-centric as well as peer-to-peer traffic patterns, the PEX 8616 can be configured for a broad range of form factors and applications. Host Centric Fan-out The PEX 8616, with its symmetric or asymmetric lane configuration capability, allows user-specific tuning to a variety of host-centric applications. Figure 3 shows a typical workstation design where the root complex provides a PCI Express link that needs to be expanded to a larger number of smaller ports for a variety of I/O functions. In this example, the PEX 8616 has a 4-lane upstream port and three downstream ports using x4 links. The PEX 8616 can also be used to create PCIe Gen1 (2.5 Gbps) ports. The PEX 8616 is backwards compatible with PCIe Gen1 devices. Therefore, the PEX 8616 enables a Gen 2 native Chip Set to fan-out to Gen 1 endpoints. In Figure 3, the PCIe slots connected to the PEX 8616’s downstream ports can be populated with either PCIe Gen1 or PCIe Gen 2 devices. Conversely, the PEX 8616 can also be used to create Gen 2 ports on a Gen 1 native Chip Set in the same fashion. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |