| Electronic Components Datasheet Search |
|
PEX8632 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
PEX8632 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 4 page ![]() Dual-Host & Failover Support CPU CPU Primary Host Primary Host Root Complex Root Complex End Point End Point End Point End Point End Point End Point PEX 8632 PEX 8632 NT CPU CPU Secondary Host Secondary Host Non-Transparent Port Figure 2. Non-Transparent Port CPU CPU Primary Host Primary Host CPU CPU Primary Host Primary Host Root Complex Root Complex Root Complex Root Complex End Point End Point End Point End Point End Point End Point End Point End Point End Point End Point End Point End Point End Point End Point End Point End Point End Point End Point PEX 8632 PEX 8632 NT CPU CPU Secondary Host Secondary Host CPU CPU Secondary Host Secondary Host Non-Transparent Port Figure 2. Non-Transparent Port The PEX 8632 product supports a Non-Transparent (NT) Port, which enables the implementation of multi- host systems in communications, storage, and blade server applications. The NT port allows systems to isolate host memory domains by presenting the processor subsystem as an endpoint rather than another memory system. Base address registers are used to translate addresses; doorbell registers are used to send interrupts between the address domains; and scratchpad registers (accessible from both CPUs) allow inter-processor communication (see Figure 2). Dual Cast The PEX 8632 supports Dual Cast, a feature which allows for the copying of data (e.g. packets) from one ingress port to two egress ports allowing for higher performance in dual-graphics, storage, security, and redundant applications. Read Pacing The Read Pacing feature allows users to throttle the amount of read requests being made by downstream devices. When a downstream device requests several long reads back-to-back, the Root Complex gets tied up in serving this downstream port. If this port has a narrow link and is therefore slow in receiving these read packets from the Root Complex, then other downstream ports may become starved – thus, impacting performance. The Read Pacing feature enhances performances by allowing for the adequate servicing of all downstream devices. Hot Plug for High Availability Hot plug capability allows users to replace hardware modules and perform maintenance without powering down the system. The PEX 8632 hot plug capability feature makes it suitable for High Availability (HA) applications. Three downstream ports include a Standard Hot Plug Controller. If the PEX 8632 is used in an application where one or more of its downstream ports connect to PCI Express slots, each port’s Hot Plug Controller can be used to manage the hot-plug event of its associated slot. Every port on the PEX 8632 is equipped with a hot-plug control/status register to support hot-plug capability through external logic via the I 2C interface. SerDes Power and Signal Management The PEX 8632 supports software control of the SerDes outputs to allow optimization of power and signal strength in a system. The PLX SerDes implementation supports four levels of power – off, low, typical, and high. The SerDes block also supports loop-back modes and advanced reporting of error conditions, which enables efficient management of the entire system. Interoperability The PEX 8632 is designed to be fully compliant with the PCI Express Base Specification r2.0, and is backwards compatible to PCI Express Base Specification r1.1 and r1.0a. Additionally, it supports auto-negotiation, lane reversal, and polarity reversal. Furthermore, the PEX 8632 is designed for Microsoft Vista compliance. All PLX switches undergo thorough interoperability testing in PLX’s Interoperability Lab and compliance testing at the PCI-SIG plug-fest. Applications Suitable for host-centric as well as peer-to-peer traffic patterns, the PEX 8632 can be configured for a broad range of form factors and applications. Host Centric Fan-out The PEX 8632, with its symmetric or asymmetric lane configuration capability, allows user-specific tuning to a variety of host-centric applications. Figure 3 shows a typical server-based design where the root complex provides a PCI Express link that needs to be expanded to a larger number of smaller ports for a variety of I/O functions. In this example, the PEX 8632 has an 8-lane upstream port, and four downstream ports using a combination of x4 and x8 links. CPU CPU CPU CPU CPU CPU CPU CPU PEX 8632 PEX 8632 PEX 8632 PEX 8632 x8 x4 Memory Memory Memory Memory x8 x8 x4 x8 x4 Endpoint Endpoint Endpoint Endpoint Chipset Chipset Chipset Chipset Endpoint Endpoint Endpoint Endpoint Figure 3. Fan-in/out Usage |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |