Electronic Components Datasheet Search
  English  ▼

X  

PEX8664 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # PEX8664
Description  PCI Express Gen 2 Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PEX8664 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  PEX8664 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PEX8664 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PEX8664 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED PEX8664 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED PEX8664 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PEX 8664, PCI Express Gen 2 Switch, 64 Lanes, 16 Ports
© PLX Technology, www.plxtech.com
Page 2 of 2
5/14/2009, Version 1.1
The PEX 8664 can also be configured in Multi-Host
mode where users can choose up to five ports as
host/upstream ports and assign a desired number of
downstream ports to each host. In Multi-Host mode, a
virtual switch is created for each host port and its
associated downstream ports inside the device. The
traffic between the ports of a virtual switch is completely
isolated from the traffic in other virtual switches. Figure
2 illustrates some configurations of the PEX 8664 in
Multi-Host mode where each ellipse represents a virtual
switch inside the device.
CPU
CPU
Primary Host
Primary Host
Root
Complex
Root
Complex
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
PEX 8664
PEX 8664
NT
CPU
CPU
Secondary Host
Secondary Host
Non-Transparent
Port
Figure 3. Non-Transparent Port
CPU
CPU
Primary Host
Primary Host
CPU
CPU
Primary Host
Primary Host
Root
Complex
Root
Complex
Root
Complex
Root
Complex
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
PEX 8664
PEX 8664
NT
CPU
CPU
Secondary Host
Secondary Host
CPU
CPU
Secondary Host
Secondary Host
Non-Transparent
Port
Figure 3. Non-Transparent Port
The PEX 8664 also
provides several ways to
configure its registers. The
device can be configured
through strapping pins,
I
2C interface, host
software, or an optional
serial EEPROM. This
allows for easy debug
during the development
phase, performance
monitoring during the operation phase, and driver or
software upgrade.
Dual-Host & Failover Support
In Single-Host mode, the
PEX 8664 supports a Non-
Transparent (NT) Port,
which enables the
implementation of dual-
host
systems for redundancy and
host
failover capability. The NT
port
allows systems to isolate
host memory domains by
presenting the
processor subsystem
as an
endpoint rather than
another memory
system. Base address registers are used to translate
addresses; doorbell registers are used to send interrupts
between the address domains; and scratchpad registers
(accessible by both CPUs) allow inter-processor
communication (Figure 3).
Multi-Host & Failover Support
In Multi-Host mode, PEX 8664 can be configured with
up to five upstream host ports, each with its own
dedicated downstream ports. The device can be
configured for 1+1 redundancy or N+1 redundancy. The
PEX 8664 allows the hosts to communicate their status
to each other via special door-bell registers. In failover
mode, if a host fails, the host designated for failover will
disable the upstream port attached to the failing host and
program the downstream ports of that host to its own
domain. Figure 4a shows a two host system in Multi-
Host mode with two virtual switches inside the device
and Figure 4b shows Host 1 disabled after failure and
Host 2 having taken over all of Host 1’s end-points.
PEX 8664
PEX 8664
PEX 8664
PEX 8664
Figure 4a. Multi-Host
Host 1
Host 1
Host 1
Host 1
Host 2
Host 2
Host 2
Host 2
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
Figure 4b. Multi-Host Fail-Over
Host 1
Host 1
Host 1
Host 1
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
Host 2
Host 2
Host 2
Host 2
Figure 2. Common Multi-Host Configurations
PEX 8664
PEX 8664
PEX 8664
PEX 8664
x8
x8x8x4x4
x8x8x4x4
x8
PEX 8664
PEX 8664
PEX 8664
PEX 8664
x8
3 x4
3 x8
x4
x4
3 x4
PEX 8664
PEX 8664
12 x4s
4 x4s
PEX 8664
PEX 8664
PEX 8664
PEX 8664
12 x4s
4 x4s
PEX 8664
PEX 8664
11 x4s
5 x4s
PEX 8664
PEX 8664
PEX 8664
PEX 8664
11 x4s
5 x4s
Hot Plug for High Availability
Hot plug capability allows users to replace hardware
modules and perform maintenance without powering
down the system. The PEX 8664 hot plug capability
feature makes it suitable for High Availability (HA)
applications. Four downstream ports include a Standard
Hot Plug Controller. If the PEX 8664 is used in an
application where one or more of its downstream ports
connect to PCI Express slots, each port’s Hot Plug
Controller can be used to manage the hot-plug event of
its associated slot. Every port on the PEX 8664 is
equipped with a hot-plug control/status register to
support hot-plug capability through external logic via the
I
2C interface.
SerDes Power and Signal Management
The PEX 8664 supports software control of the SerDes
outputs to allow optimization of power and signal
strength in a system. The PLX SerDes implementation
supports four levels of power – off, low, typical, and
high. The SerDes block also supports loop-back modes
and advanced reporting of error conditions, which
enables efficient management of the entire system.
Interoperability
The PEX 8664 is designed to be fully compliant with the
PCI Express Base Specification r2.0, and is backwards
compatible to PCI Express Base Specification r1.1 and
r1.0a. Additionally, it supports auto-negotiation, lane
reversal, and polarity reversal. Furthermore, the PEX
8664 is tested for Microsoft Vista compliance. All PLX
switches undergo thorough interoperability testing in
PLX’s Interoperability Lab and compliance testing at
the PCI-SIG plug-fest.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com