Electronic Components Datasheet Search
  English  ▼

X  

PEX8712 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # PEX8712
Description  PCI Express Gen 3 Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PEX8712 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  PEX8712 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PEX8712 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PEX8712 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED PEX8712 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED PEX8712 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© PLX Technology, www.plxtech.com
Page 2 of 5
10/20/2010, Version 1.0
PEX 8712, PCI Express Gen 3 Switch, 12 Lanes, 3 Ports
Figure 2. Multi-Host
Port Configuration
PEX 8712
x4
x4
x4
The PEX 8712 can also be configured in Multi-Host mode.
In Multi-Host mode, a virtual switch is created for each
host port and its associated
downstream ports inside the device.
The traffic between the ports of a
virtual switch is completely isolated
from the traffic in other virtual
switches. With the PEX 8712 in
Multi-Host mode, users can choose
two ports as host/upstream ports and
assign the remaining downstream
port to the desired host. In this
scenario, one of the hosts will serve
as a failover port which will not have a downstream port of
its own. If the primary host were to fail, the secondary host
would then take over this downstream port (see Figure 2).
The PEX 8712 also provides several ways to configure its
registers. The device can be configured through strapping
pins, I
2C interface, host software, or an optional serial
EEPROM. This allows for easy debug during the
development phase, performance monitoring during the
operation phase, and driver or software upgrade.
Dual-Host & Failover Support
In Single-Host mode, the PEX 8712 supports a Non-
Transparent (NT) Port, which enables the
implementation of dual-host systems for redundancy and
host failover
capability. The NT
port allows systems
to isolate host
memory domains b
presenting the
processor s
as an endpoint
rather than another
memory system.
Base address
registers are used to
translate addresse
doorbell registers
are used to send interrupts between the address domains;
and scratchpad registers (accessible by both CPUs) allo
inter-processor communication (see Figure 3).
y
ubsystem
s;
w
ulti-Host & Failover Support
onfigured with
+1
al door-
m
o
s
M
In Multi-Host mode, PEX 8712 can be c
two upstream host ports, each with its own dedicated
downstream ports. The device can be configured for 1
redundancy. The PEX 8712 allows the hosts to
communicate their status to each other via speci
bell registers. In failover mode, if a host fails, the host
designated for failover will disable the upstream port
attached to the failing host and program the downstrea
ports of that host to its own domain. Figure 4a shows a tw
host system in Multi-Host mode with two virtual switches
inside the device and Figure 4b shows Host 1 disabled
after failure and Host 2 having taken over all of Host 1’
end-points.
PEX 8712
PEX 8712
Figure 4a. Multi-Host
Host 1
Host 2
End
Point
Figure 4b. Multi-Host Fail-Over
Host 1
Host 2
End
Point
ot Plug for High Availability
ace hardware
down
d Hot Plug
PCI
erDes Power and Signal Management
s fully
-back
m.
teroperability
igned to be fully compliant with the
H
Hot plug capability allows users to repl
modules and perform maintenance without powering
the system. The PEX 8712 hot plug capability feature
makes it suitable for High Availability (HA)
applications. All three ports include a Standar
Controller. If the PEX 8712 is used in an application
where one or more of its downstream ports connect to
Express slots, each port’s Hot Plug Controller can be used
to manage the hot-plug event of its associated slot. Every
port on the PEX 8712 is equipped with a hot-plug
control/status register to support hot-plug capability
through external logic via the I
2C interface.
S
The PEX 8712 provides low power capability that i
compliant with the PCIe power management specification
and supports software control of the SerDes outputs to
allow optimization of power and signal strength in a
system. Furthermore, the SerDes block supports loop
modes and advanced reporting of error conditions,
which enables efficient management of the entire syste
In
The PEX 8712 is des
PCI Express Base Specification r2.0, and is backwards
compatible to PCI Express Base Specification r1.1 and
r1.0a. Additionally, it supports auto-negotiation, lane
reversal, and polarity reversal. Furthermore, the PEX
8712 is tested for Microsoft Vista compliance. All PLX
End
Point
CPU
Primary Host
Root
Complex
PEX 8712
NT
CPU
Secondary Host
Non-Transparent
Port
Figure 3. Non-Transparent Port



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com