Electronic Components Datasheet Search
  English  ▼

X  

PEX8716 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # PEX8716
Description  PCI Express Gen 3 Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PEX8716 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  PEX8716 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PEX8716 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PEX8716 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED PEX8716 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED PEX8716 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PEX 8716, PCI Express Gen 3 Switch, 16 Lanes, 4 Ports
© PLX Technology, www.plxtech.com
Page 4 of 5
10/7/2010, Version 1.0
x8
Memory
Memory
Memory
Memory
CPU
CPU
CPU
CPU
Memory
Memory
Memory
Memory
CPU
CPU
CPU
CPU
x8
PEX 8724
PEX 8724
PEX 8724
PEX 8724
NT
8 Disk Chassis
PEX 7616
PEX 7616
PEX 7616
PEX 7616
8 Disk Chassis
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
NT
PEX 8716
PEX 8716
NT
PEX 8716
PEX 8716
PEX 8716
PEX 8716
NT
x8
x4
x4
x4
x4
x4
x4
x4
x4
Backup
System
PEX
8724
PEX
8724
Error Injection & SerDes Loopback
Using the PEX 8716’s Error Injection feature, users can
inject malformed packets and/or fatal errors into their
system and evaluate a system’s ability to detect and
recover from such errors. The PEX 8716 also supports
Internal Tx, External Tx, Recovered Clock, and Recovered
Data Loopback modes.
Applications
Suitable for host-centric as well as peer-to-peer traffic
patterns, the PEX 8716 can be configured for a wide
variety of form factors and applications.
Host Centric Fan-out
The PEX 8716, with its symmetric or asymmetric lane
configuration capability, allows user-specific tuning to a
variety of host-centric applications. Figure 6 shows a
server design where the PEX 8716 is being used to fan-out
to endpoints and PCI Express slots. Since the PEX 8716 is
compliant with PCIe Gen 1 and Gen 2 devices, the PEX
8716 can also be used to bridge Gen 1 and Gen 2
endpoints to Gen 3 chipsets and processors (and vice
versa).
Memory
CPU
CPU
CPU
CPU
x4s
x4
x1s
SATA
Endpoint
PCIe Gen1, Gen2, or Gen3 slots
x8
PEX 8716
PCI
PCH
Figure 6. Host Centric Fan-Out
Network Interface Cards
The PEX 8716 can also be utilized in communications
applications such as Network Interface Cards (NICs).
NICs, like the one shown in Figure 7, can utilize the PEX
8716 for its fan-out capabilities. In the example below, the
PEX 8716 is being used on a Dual-port 10-Gigabit
Ethernet (GE) NIC card. The PEX 8716 utilizes a x8 link
to connect to the host and two x4 downstream links to fan-
out to the 10GE ports. The peer-to-peer communication
feature of the PEX 8716 allows the endpoints to
communicate with each other without any intervention or
management by the host.
10 GE
10 GE
MAC/PHY
MAC/PHY
x8
x4
x4
Dual-Port NIC
PEX 8716
Figure 7. 10GE NIC Fan-Out
Host Bus Adapters
The PEX 8716 is well suited for Host Bus Adapter cards
(HBAs) as well. Figure 8 shows a Quad-Port Fibre
Channel HBA utilizing the PEX 8716 to allow
connectivity to two Fibre Channel (FC) controllers. The
PEX 8716 uses a x8 link on the upstream port and two x4
downstream links to fan-out to the FC controllers. Each FC
controller supports two FC ports.
x8
x4
x4
Quad-Port FC HBA
PEX 8716
FC
FC
FC Cont.
FC
FC
FC Cont.
Figure 8. Quad-Port Fibre-Channel HBA
Fail-Over in Storage Systems with Multicast
The PEX 8716’s Multicast feature can be used to
simultaneously send redundant packets to a backup system
(Figure 9). In the example below, using Multicast (yellow
lines), the CPU sends data to its endpoints as well as to a
backup system
(via an NT port)
in one t
as opposed to
having to se
multiple
transactio
each endpoint.
By offloading th
task of backing
up data onto the
secondary
system, pro
and syste
performance is
enhance
Figure 9. Failover Sy
ransaction
nd
ns to
e
cessor
m
d.
stems



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com