Electronic Components Datasheet Search
  English  ▼

X  

PEX8732 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # PEX8732
Description  PCI Express Gen 3 Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PEX8732 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  PEX8732 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PEX8732 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PEX8732 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED PEX8732 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED PEX8732 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© PLX Technology, www.plxtech.com
Page 2 of 5
10/7/2010, Version 1.0
PEX 8732, PCI Express Gen 3 Switch, 32 Lanes, 8 Ports
Figure 2. Multi-Host Port Configur
4 x4s & 2 x2s
ations
2 x8s
4 x4s
3 x4s
4 x4s
8 x2s
x8 &
2 x2s
2x4s
& 6 x2s
PEX 8732
PEX 8732
PEX 8732
PEX 8732
CPU
Primary Host
End
Point
End
Point
End
Point
PEX 8732
NT
CPU
Secondary Host
Non-Transparent
Port
Figure 3. Non-Transparent Port
The PEX 8732 can also be configured in Multi-Host mode
s to
where users can choose up to six ports as host/upstream
ports and assign a desired number of downstream port
each host. In Multi-Host mode, a virtual switch is created
for each host port and its associated downstream ports
inside the device. The traffic between the ports of a virtual
witch is completely isolated from the traffic in other
a virtual switch inside the device.
lso provides several ways to configure its
evice can be configured through strapping
M. This
y
the
t
uring the
er Support
the PEX 8732 supports a Non-
which enables the
s
memory
nting
ubsystem
er
send interrupts
e
rt
host to its own domain. Figure 4a shows a two
ss
virtual switches. Figure 2 illustrates some configurations
of the PEX 8732 in Multi-Host mode where each ellipse
represents
The PEX 8732 a
registers. The d
pins, I
2C
interface, host
software, or an
optional serial
EEPRO
allows for eas
debug during
developmen
phase,
performance
monitoring
virtual switches. Figure 2 illustrates some configurations
of the PEX 8732 in Multi-Host mode where each ellipse
represents
The PEX 8732 a
registers. The d
pins, I
2C
interface, host
software, or an
optional serial
EEPRO
allows for eas
debug during
developmen
phase,
performance
monitoring
d
d
operation phase,
and driver or
software upgrade.
Dual-Host & Failov
In Single-Host mode,
Transparent (NT) Port,
Dual-Host & Failov
In Single-Host mode,
Transparent (NT) Port,
implementation of
implementation of
dual-host systems for
redundancy and host
dual-host systems for
redundancy and host
failover capability. The
failover capability. The
NT port allows system
to isolate host
domains by prese
the processor s
NT port allows system
to isolate host
domains by prese
the processor s
as an endpoint rath
than another
memory system.
Base address
registers are used
to translate
addresses; doorbell registers are used to
addresses; doorbell registers are used to
between the address domains; and scratchpad registers
(accessible by both CPUs) allow inter-processor
communication (see Figure 3).
Multi-Host & Failover Support
In Multi-Host mode, PEX 8732 can be configured with up
to six upstream host ports, each with its own dedicated
downstream ports. The device can be configured for 1+1
redundancy or N+1 redundancy. The PEX 8732 allows th
hosts to communicate their status to each other via special
door-bell registers. In failover mode, if a host fails, the
host designated for failover will disable the upstream po
attached to the failing host and program the downstream
ports of that
between the address domains; and scratchpad registers
(accessible by both CPUs) allow inter-processor
communication (see Figure 3).
Multi-Host & Failover Support
In Multi-Host mode, PEX 8732 can be configured with up
to six upstream host ports, each with its own dedicated
downstream ports. The device can be configured for 1+1
redundancy or N+1 redundancy. The PEX 8732 allows th
hosts to communicate their status to each other via special
door-bell registers. In failover mode, if a host fails, the
host designated for failover will disable the upstream po
attached to the failing host and program the downstream
ports of that
host system in Multi-Host mode with two virtual switches
inside the device and Figure 4b shows Host 1 disabled
after failure and Host 2 having taken over all of Host 1’s
end-points.
PEX 8732
PEX 8732
Figure 4a. Multi-Host
Host 1
Host 2
End
Point
End
Point
End
Point
End
Point
Figure 4b. Multi-Host Fail-Over
Host 1
End
Po
PEX 8732, PCI Express Gen 3 Switch, 32 Lanes, 8 Ports
© PLX Technology, www.plxtech.com
Page 2 of 5
10/7/2010, Version 1.0
Figure 2. Multi-Host Port Configur
4 x4s & 2 x2s
ations
2 x8s
4 x4s
3 x4s
4 x4s
8 x2s
x8 &
2 x2s
2x4s
& 6 x2s
PEX 8732
PEX 8732
PEX 8732
PEX 8732
CPU
Primary Host
End
Point
End
Point
End
Point
PEX 8732
NT
CPU
Secondary Host
Non-Transparent
Port
Figure 3. Non-Transparent Port
The PEX 8732 can also be configured in Multi-Host mode
s to
where users can choose up to six ports as host/upstream
ports and assign a desired number of downstream port
each host. In Multi-Host mode, a virtual switch is created
for each host port and its associated downstream ports
inside the device. The traffic between the ports of a virtual
witch is completely isolated from the traffic in other
a virtual switch inside the device.
lso provides several ways to configure its
evice can be configured through strapping
M. This
y
the
t
uring the
er Support
the PEX 8732 supports a Non-
which enables the
s
memory
nting
ubsystem
er
send interrupts
e
rt
host to its own domain. Figure 4a shows a two
host system in Multi-Host mode with two virtual switches
inside the device and Figure 4b shows Host 1 disabled
after failure and Host 2 having taken over all of Host 1’s
end-points.
operation phase,
and driver or
software upgrade.
as an endpoint rath
than another
memory system.
Base address
registers are used
to translate
PEX 8732
PEX 8732
Figure 4a. Multi-Host
Host 1
Host 2
End
Point
End
Point
End
Point
End
Point
Figure 4b. Multi-Host Fail-Over
Host 1
End
Point
End
Point
End
Point
E
Po
nd
int
Host 2
g down
ontroller can be used to manage the hot-plug event of its
pped
ion
low optimization of power and signal strength in a
the SerDes block supports loop-back
.
Hot Plug for High Availability
Hot plug capability allows users to replace hardware
modules and perform maintenance without powerin
the system. The PEX 8732 hot plug capability feature
makes it suitable for High Availability (HA)
applications. Three downstream ports include a Standard
Hot Plug Controller. If the PEX 8732 is used in an
application where one or more of its downstream ports
connect to PCI Express slots, each port’s Hot Plug
C
associated slot. Every port on the PEX 8732 is equi
with a hot-plug control/status register to support hot-plug
capability through external logic via the I
2C interface.
SerDes Power and Signal Management
The PEX 8732 provides low power capability that is fully
compliant with the PCIe power management specificat
and supports software control of the SerDes outputs to
al
system. Furthermore,
modes and advanced reporting of error conditions,
which enables efficient management of the entire system
Interoperability
The PEX 8732 is designed to be fully compliant with the
PCI Express Base Specification r2.0, and is backwards
compatible to PCI Express Base Specification r1.1 and



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com