Electronic Components Datasheet Search
  English  ▼

X  

PEX8734 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # PEX8734
Description  PCI Express Gen3 Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PEX8734 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  PEX8734 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PEX8734 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PEX8734 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED PEX8734 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED PEX8734 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PEX8734, PCI Express Gen3 Switch, 32 Lanes, 8 Ports
© PLX Technology, www.plxtech.com
Page 1 of 5
10Sep12; v1.0
Highlights
PEX8734 General Features
o 32-lane, 8-port PCIe Gen3 switch
- Integrated 8.0 GT/s SerDes
o 27 x 27mm2, 676-ball FCBGA package
o Typical Power: 6.2 Watts
PEX8734 Key Features
o Standards Compliant
- PCI Express Base Specification, r3.0
(compatible w/ PCIe r1.0a/1.1 & 2.0)
- PCI Power Management Spec, r1.2
- Microsoft Windows Logo Compliant
- Supports Access Control Services
- Dynamic link-width control
- Dynamic SerDes speed control
o High Performance
 performancePAK
 Multicast
 Dynamic Buffer/FC Credit Pool
- Non-blocking switch fabric
- Full line rate on all ports
- Cut-Thru with 150ns max packet latency
- 2KB Max Payload Size
o Multi-Host & Fail-Over Support
- 2 Configurable Non-Transparent ports
- Failover with Non-Transparent port
- Up to 2 upstream/Host ports with 1+1 or
N+1 failover to other upstream ports
o Quality of Service (QoS)
- Traffic Class Queuing
- Eight traffic classes per port
- Weighted round-robin source
port arbitration
o Reliability, Availability, Serviceability
 visionPAK
 Per Port Performance Monitoring
 SerDes Eye Capture
 PCIe Packet Generator
 Error Injection and Loopback
- 2 Hot-Plug port with native HP Signals
- All ports Hot-Plug capable thru I2C
- SSC Isolation on up to 8 ports
- ECRC and Poison bit support
- Data Path parity
- Memory (RAM) Error Correction
- Advanced Error Reporting
- Port Status bits and GPIO available
- JTAG AC/DC boundary scan
The ExpressLane
TM PEX8734 device offers Multi-Host PCI Express
switching capability enabling users to connect multiple hosts to their
respective endpoints via scalable, high bandwidth, non-blocking
interconnection to a wide variety of applications including servers, storage
systems, and communications platforms. The PEX8734 is well suited for
fan-out, aggregation, and peer-to-peer applications.
Multi-Host Architecture
The PEX8734 employs an enhanced architecture, which allows users to
configure the device in legacy single-host mode or multi-host mode with up
to three host ports capable of 1+1 (one active & one backup) or N+1 (N
active & one backup) host failover. This powerful architectural enhancement
enables users to build PCIe based systems to support high-availability,
failover, redundant and clustered systems.
High Performance & Low Packet Latency
The PEX8734 architecture supports packet cut-thru with a maximum
latency of 150ns (x16 to x16). This, combined with large packet memory,
flexible common buffer/FC credit pool and non-blocking internal switch
architecture, provides full line rate on all ports for performance-hungry
applications such as servers and switch fabrics. The low latency enables
applications to achieve high throughput and performance. In addition to low
latency, the device supports a packet payload size of up to 2048 bytes,
enabling the user to achieve even higher throughput.
Data Integrity
The PEX8734 provides end-to-end CRC (ECRC) protection and Poison bit
support to enable designs that require end-to-end data integrity. PLX also
supports data path parity and memory (RAM) error correction circuitry
throughout the internal data paths as packets pass through the switch.
Flexible Configuration
The PEX8734’s 8 ports can be configured to
lane widths of x4, x8, or x16. Flexible
buffer allocation, along with the device's
flexible packet flow control, maximizes
throughput for applications where more
traffic flows in the downstream, rather than
upstream, direction. Any port can be
designated as the upstream port, which can
be changed dynamically. Figure 1 shows
some of the
PEX8734’s common port configurations in legacy Single-Host mode.
The PEX8734 can also be configured in Multi-Host mode where users can
choose up to two ports as host/upstream ports and assign a desired number of
downstream ports to each host. In Multi-Host mode, a virtual switch is
created for each host port and its associated downstream ports inside the
device. The traffic between the ports of a virtual switch is completely
isolated from the traffic in other virtual switches. Figure 2 illustrates some
configurations of the PEX8734 in Multi-Host mode where each ellipse
represents a virtual switch inside the device.


Similar Part No. - PEX8734

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8734 PLX-PEX8734 Datasheet
556Kb / 5P
PCI Express Gen3 Switch, 32 Lanes, 8 Ports
More results

Similar Description - PEX8734

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-6520 ETC2-CPCI-6520 Datasheet
541Kb / 2P
USB 3.0 and PCI-Express Gen3 support
logo
AVAGO TECHNOLOGIES LIMI...
PEX8714 AVAGO-PEX8714 Datasheet
375Kb / 4P
PCI Express Gen3 Switch
PEX8718 AVAGO-PEX8718 Datasheet
348Kb / 4P
PCI Express Gen3 Switch
PEX8750 AVAGO-PEX8750 Datasheet
565Kb / 5P
PCI Express Gen3 Switch
PEX8764 AVAGO-PEX8764 Datasheet
590Kb / 5P
PCI Express Gen3 Switch
PEX8780 AVAGO-PEX8780 Datasheet
540Kb / 5P
PCI Express Gen3 Switch
PEX8796 AVAGO-PEX8796 Datasheet
570Kb / 5P
PCI Express Gen3 Switch
logo
PLX Technology
PEX8734 PLX-PEX8734 Datasheet
556Kb / 5P
PCI Express Gen3 Switch, 32 Lanes, 8 Ports
PEX8764 PLX-PEX8764 Datasheet
590Kb / 5P
PCI Express Gen3 Switch, 64 Lanes, 16 Ports
PEX8796 PLX-PEX8796 Datasheet
570Kb / 5P
PCI Express Gen3 Switch, 96 Lanes, 24 Ports
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com