Electronic Components Datasheet Search
  English  ▼

X  

MAX1966ESA Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1966ESA
Description  Low-Cost Voltage-Mode PWM Step-Down Controllers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1966ESA Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1966ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1966ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1966ESA Datasheet HTML 9Page - Maxim Integrated Products MAX1966ESA Datasheet HTML 10Page - Maxim Integrated Products MAX1966ESA Datasheet HTML 11Page - Maxim Integrated Products MAX1966ESA Datasheet HTML 12Page - Maxim Integrated Products MAX1966ESA Datasheet HTML 13Page - Maxim Integrated Products MAX1966ESA Datasheet HTML 14Page - Maxim Integrated Products MAX1966ESA Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Low-Cost Voltage-Mode PWM
Step-Down Controllers
12
______________________________________________________________________________________
DESIGNATION
VIN = 2.7V TO 5.5V
VOUT = 1.8V, 3A
MAX1966 (FIGURE 3)
VIN = 2.7V TO 5.5V
VOUT = 1.8V, 5A
MAX1966 (FIGURE 3)
C1
1µF ceramic capacitor
1µF ceramic capacitor
C2
Sanyo MV-WX series,
1000µF, 16V,
23m
Ω, 1.82A
Sanyo MV-WX series,
1000µF, 35V,
18m
Ω, 2.77A
C3
Sanyo MV-WX series,
1500µF, 6.3V,
23m
Ω, 1.82A
Sanyo MV-WX series,
1800µF, 16V,
21m
Ω, 2.36A
C4
0.1µF ceramic capacitor
0.1µF ceramic capacitor
C5
0.1µF ceramic capacitor
0.1µF ceramic capacitor
C6
10nF
10nF
C7
0.1µF ceramic capacitor
0.1µF ceramic capacitor
D1
Schottky diode, Central Semiconductor CMPSH-3
Schottky diode, Central Semiconductor CMPSH-3
L1
22µH, 3A, Coilcraft
10µH, 5A, Coilcraft
N1 + N2
Dual
Fairchild FDS9926A dual 110m
Ω or International
Rectifier IRF7501 135m
Ω
Fairchild FDS9926A dual
20V, 18m
Ω, 7.5A
R1
1.25k
Ω
1.25k
Ω
R2
1k
Ω
1k
Ω
R3
50k
Ω
50k
Ω
VIN = 4.9V TO 14V
VOUT = 1.8V, 3A
MAX1967 (FIGURE 4)
VIN = 4.9V TO 24V
VOUT = 1.8V, 5A
MAX1967 (FIGURE 4)
C1
1µF ceramic capacitor
1µF ceramic capacitor
C2
220µF 16V, 0.11
Ω ESR,
460mA ripple rated,
Sanyo MV-GX series
Sanyo MV-WX series,
1000µF, 35V,
18m
Ω, 2.77A
C3
470µF 6.3V, 0.11
Ω ESR
Sanyo MV-WX series
C4
0.1µF ceramic capacitor
0.1µF ceramic capacitor
C5
0.1µF ceramic capacitor
0.1µF ceramic capacitor
C6
10nF
10µF
C7
2.2µF ceramic
2.2µF ceramic capacitor
D1
Schottky diode, Central Semiconductor CMPSH-3
Schottky diode, Central Semiconductor CMPSH-3
L1
22µH, 3A, Coilcraft
10µH, 5A, Coilcraft
N1 + N2
Dual
Fairchild FDS9926A 110m
Ω, or International Rectifier
IRF7501 135m
Ω
Fairchild FDS6982, 35m
Ω
R1
1.25k
Ω
1.25k
Ω
R2
1k
Ω
1k
Ω
R3
50k
Ω
50k
Ω
R4
10
Ω
10
Ω
Table 1. Component Selection for Standard Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com