Electronic Components Datasheet Search
  English  ▼

X  

NJM2181M Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2181M
Description  Passive Matrix TruSurroundTM 3D AUDIO PROCESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2181M Datasheet(HTML) 4 Page - New Japan Radio

  NJM2181M Datasheet HTML 1Page - New Japan Radio NJM2181M Datasheet HTML 2Page - New Japan Radio NJM2181M Datasheet HTML 3Page - New Japan Radio NJM2181M Datasheet HTML 4Page - New Japan Radio NJM2181M Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NJM2181
- 4 -
sPIN FUNCTION
s
s
s
sBLOCK DIAGRAM
1.FIL1
2.FIL2
3.FIL3
4.FIL4
5.FIL5
6.FIL6
7.FIL7
8FIL8
9.FIL9
10.MODE1
11.MODE2
12.MODE3
13 GND
14 VREFOUT
15 VREFIN
16 VCC
17 ROUT
18 LOUT
19 FIL10
20 FIL11
21 FIL12
22 FIL13
23 RIN
24 LIN
12
3
4
5
6
7
18
19
20
21
22
23
24
89
10
11
17
16
15
14
13
12
EXTERNAL
FILTER
PHASE
90°
MATRIX
MATRIX
EXTERNAL
FILTER
EXTERNAL
FILTER
FIL8
FIL9
1
2
50K
50K
GND
VREF
MATRIX
MODE
MODE
3
MODE
GND
FIL
13
12
11
10
FIL
FIL
FIL
24
23
22
21
20
19
18
17
16
15
12
34
56
78
9
10
11
12
13
14
a
b
c
d
a
b
c
d
INL
INR
FIL1
FIL2
FIL3
FIL4
FIL5
FIL6
FIL7
V+
VREF
OUT
IN
VREF
OUTR
OUTL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com