Electronic Components Datasheet Search
  English  ▼

X  

MAX1982 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1982
Description  Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1982 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1982 Datasheet HTML 1Page - Maxim Integrated Products MAX1982 Datasheet HTML 2Page - Maxim Integrated Products MAX1982 Datasheet HTML 3Page - Maxim Integrated Products MAX1982 Datasheet HTML 4Page - Maxim Integrated Products MAX1982 Datasheet HTML 5Page - Maxim Integrated Products MAX1982 Datasheet HTML 6Page - Maxim Integrated Products MAX1982 Datasheet HTML 7Page - Maxim Integrated Products MAX1982 Datasheet HTML 8Page - Maxim Integrated Products MAX1982 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Low-Voltage, Low-Dropout Linear Regulators
with External Bias Supply
_______________________________________________________________________________________
5
INPUT CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
25.5
26.0
26.5
27.0
27.5
28.0
25.0
-40
85
VBIAS = 5V
BIAS SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
120
125
130
135
140
145
150
115
-40
85
VBIAS = 5V
DROPOUT VOLTAGE vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
250
200
150
100
50
50
100
150
200
0
0
300
VBIAS = 5V
OUTPUT VOLTAGE ERROR
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
250
200
50
100
150
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
0
300
VBIAS = 5V
VIN = 1.8V
OUTPUT VOLTAGE ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
-40
85
VIN = 1.8V
ILOAD = 300mA
ILOAD = 200mA
ILOAD = 0mA
SHORT-CIRCUIT CURRENT LIMIT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
4.50
3.50
2.50
100
200
300
400
500
600
700
800
0
1.50
5.50
POWER-SUPPLY REJECTION RATIO (VIN)
vs. FREQUENCY
FREQUENCY (Hz)
100k
10k
1k
100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
10
1M
VIN = 2.1V
VP-P = 0.6V
ILOAD = 0
SHORT-CIRCUIT CURRENT LIMIT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
550
600
650
700
500
-40
85
Typical Operating Characteristics (continued)
(Circuit of Figure 3, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com