Electronic Components Datasheet Search
  English  ▼

X  

MAX189AMJA Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX189AMJA
Description  5V, Low-Power, 12-Bit Serial ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX189AMJA Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX189AMJA Datasheet HTML 12Page - Maxim Integrated Products MAX189AMJA Datasheet HTML 13Page - Maxim Integrated Products MAX189AMJA Datasheet HTML 14Page - Maxim Integrated Products MAX189AMJA Datasheet HTML 15Page - Maxim Integrated Products MAX189AMJA Datasheet HTML 16Page - Maxim Integrated Products MAX189AMJA Datasheet HTML 17Page - Maxim Integrated Products MAX189AMJA Datasheet HTML 18Page - Maxim Integrated Products MAX189AMJA Datasheet HTML 19Page - Maxim Integrated Products MAX189AMJA Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
SPI and Microwire
When using SPI or QSPI, set CPOL = 0 and CPHA = 0.
Conversion begins with a
CS falling edge. DOUT goes
low, indicating a conversion in progress. Wait until
DOUT goes high or the maximum specified 8.5µs con-
version time. Two consecutive 1-byte reads are
required to get the full 12 bits from the ADC. DOUT out-
put data transitions on SCLK’s falling edge and is
clocked into the µP on SCLK’s rising edge.
The first byte contains a leading 1 and 7 bits of conver-
sion result. The second byte contains the remaining 5
bits and 3 trailing 0s. See Figure 13 for connections
and Figure 14 for timing.
QSPI
Set CPOL = CPHA = 0. Unlike SPI, which requires two
1-byte reads to acquire the 12 bits of data from the
ADC, QSPI allows the minimum number of clock cycles
necessary to clock in the data. The MAX187/MAX189
require 13 clock cycles from the µP to clock out the
12 bits of data with no trailing 0s (Figure 15). The maxi-
mum clock frequency to ensure compatibility with QSPI
is 2.77MHz.
Opto-Isolated Interface,
Serial-to-Parallel Conversion
Many industrial applications require electrical isolation
to separate the control electronics from hazardous
electrical conditions, provide noise immunity, or pre-
vent excessive current flow where ground disparities
exist between the ADC and the rest of the system.
Isolation amplifiers typically used to accomplish these
tasks are expensive. In cases where the signal is even-
tually converted to a digital form, it is cost effective to
isolate the input using opto-couplers in a serial link.
The MAX187 is ideal in this application because it
includes both T/H amplifier and voltage reference,
operates from a single supply, and consumes very little
power (Figure 16).
+5V, Low-Power, 12-Bit Serial ADCs
16
______________________________________________________________________________________
MAX187
ANALOG
INPUT
SIGNAL
GROUND
4.7
µF5
4
2
1
6
8
7
3
10
µF
0.1
µF
GND
REF
AIN
VDD
DOUT
SCLK
CS
SHDN
+5V
3k
3k
470
Ω
8
7
6
5
1
2
3
4
200
Ω
200
Ω
+5V
8
7
6
5
1
2
3
4
1
2
3
4
8
7
6
5
+5V ON THIS SIDE OF
BARRIER MUST BE ISOLATED POWER
6N136
6N136
6N136
74HC04
74HC04
8.2k
+5V
14
11
12
10
7
6
5
4
3
2
1
15
16
D11 (MSB)
D10
D9
D8
+5V
0.1
µF
CS/START
SCLK/INPUT CLOCK
SER
SCK
RCK
SCLR
QH
QG
QF
QE
QD
QC
QB
QA
13
8
9
7
6
5
4
3
2
1
15
16
+5V
0.1
µF
13
8
14
11
12
10
74HC595
74HC595
SER
SCK
RCK
SCLR
QH
QG
QF
QE
QD
QC
QB
QA
QH
′
D0(LSB)
D1
D2
D3
D4
D5
D6
D7
Figure 16. 12-Bit Isolated ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com