Electronic Components Datasheet Search
  English  ▼

X  

MAX189 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX189
Description  5V, Low-Power, 12-Bit Serial ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX189 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX189 Datasheet HTML 9Page - Maxim Integrated Products MAX189 Datasheet HTML 10Page - Maxim Integrated Products MAX189 Datasheet HTML 11Page - Maxim Integrated Products MAX189 Datasheet HTML 12Page - Maxim Integrated Products MAX189 Datasheet HTML 13Page - Maxim Integrated Products MAX189 Datasheet HTML 14Page - Maxim Integrated Products MAX189 Datasheet HTML 15Page - Maxim Integrated Products MAX189 Datasheet HTML 16Page - Maxim Integrated Products MAX189 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Minimum cycle time is accomplished by using DOUT’s
rising edge as the EOC signal. Clock out the data with
13 clock cycles at full speed. Raise
CS after the conver-
sion’s LSB has been read. After the specified minimum
time, tACQ, CS can be pulled low again to initiate the
next conversion.
Output Coding and Transfer Function
The data output from the MAX187/MAX189 is binary,
and Figure 10 depicts the nominal transfer function.
Code transitions occur halfway between successive
integer LSB values. If VREF = +4.096V, then
1 LSB = 1.00mV or 4.096V/4096.
_____________Dynamic Performance
High-speed sampling capability and a 75ksps through-
put make the MAX187/MAX189 ideal for wideband sig-
nal processing. To support these and other related
applications, Fast Fourier Transform (FFT) test tech-
niques are used to guarantee the ADC’s dynamic fre-
quency response, distortion, and noise at the rated
throughput. Specifically, this involves applying a low-
distortion sine wave to the ADC input and recording the
digital conversion results for a specified time. The data
is then analyzed using an FFT algorithm that deter-
mines its spectral content. Conversion errors are then
seen as spectral elements outside of the fundamental
input frequency. ADCs have traditionally been evaluat-
ed by specifications such as Zero and Full-Scale Error,
Integral Nonlinearity (INL), and Differential Nonlinearity
(DNL). Such parameters are widely accepted for speci-
fying performance with DC and slowly varying signals,
but are less useful in signal-processing applications,
where the ADC’s impact on the system transfer function
is the main concern. The significance of various DC
errors does not translate well to the dynamic case, so
different tests are required.
Signal-to-Noise Ratio and
Effective Number of Bits
Signal-to-noise plus distortion (SINAD) is the ratio of the
fundamental input frequency’s RMS amplitude to the
RMS amplitude of all other ADC output signals. The
input bandwidth is limited to frequencies above DC and
below one-half the ADC sample (conversion) rate.
The theoretical minimum ADC noise is caused by quan-
tization error and is a direct result of the ADC’s resolu-
tion: SINAD = (6.02N + 1.76)dB, where N is the number
of bits of resolution. An ideal 12-bit ADC can, therefore,
do no better than 74dB. An FFT plot of the output
shows the output level in various spectral bands. Figure
11 shows the result of sampling a pure 10kHz sine
wave at a 75ksps rate with the MAX187/MAX189.
+5V, Low-Power, 12-Bit Serial ADCs
______________________________________________________________________________________
13
11
…111
11
…110
11
…101
00
…011
00
…010
00
…001
00
…000
01
2
FS
OUTPUT CODE
FS - 3/2LSB
INPUT VOLTAGE (LSBs)
FS = +4.096V
1LSB =
FS
4096
FULL-SCALE
TRANSITION
3
20
0
-20
-40
-60
-80
-100
-120
-140
0
18.75
37.5
fS = 75ksps
fT = 10kHz
TA = +25°C
FREQUENCY (kHz)
Figure 11. MAX187/MAX189 FFT plot
Figure 10. MAX187/MAX189 Unipolar Transfer Function,
4.096V = Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com