Electronic Components Datasheet Search
  English  ▼

X  

NJM2186 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2186
Description  DOLBY S-TYPE NOISE REDUCTION PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2186 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2186 Datasheet HTML 1Page - New Japan Radio NJM2186 Datasheet HTML 2Page - New Japan Radio NJM2186 Datasheet HTML 3Page - New Japan Radio NJM2186 Datasheet HTML 4Page - New Japan Radio NJM2186 Datasheet HTML 5Page - New Japan Radio NJM2186 Datasheet HTML 6Page - New Japan Radio NJM2186 Datasheet HTML 7Page - New Japan Radio NJM2186 Datasheet HTML 8Page - New Japan Radio NJM2186 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NJM2186
- 2 -
s
s
s
sABSOLUTES MAXIMUM RATINGS(Ta=25
°C,unless otherwise specified))
Parameter
Symbol
Rates
Unit
Supply Voltage
V+
-
(V
+/V)
14.0
(±7)
V
Power Dissipation
PD
700
mW
Operating Temperature
TOPR
-40 to +85
°C
Storage Temperature
Tstg
-40 to +125
°C
s
s
s
sELECTRICAL CHARACTERISTICS
(Ta=25
°C V+/V-=±6,0dBd Reference is 388mVrms/400Hz,unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply
Voltage
Range
V+
(V
+/V-)
7.5
(±3.75)
12.0
(±6)
13.0
(±6.5)
V
Supply Current
ICC
No Signal
-
20
30
mA
Encode Response1
ENC-1
f=2kHz,
Vin=-60dBd
21.8
23.3
24.8
2
ENC-2
f=50Hz,
Vin=-40dBd
5.8
7.3
8.8
3
ENC-3
f=400Hz,
Vin=-40dBd
15.1
16.6
18.1
4
ENC-4
f=15kHz,
Vin=-40dBd
11.3
12.8
14.3
5
ENC-5
f=400Hz,
Vin=-20dBd
6.0
7.5
9.0
6
ENC-6
f=2kHz,
Vin=-20dBd
4.2
5.7
7.2
7
ENC-7
f=50Hz,
Vin=0dBd
-3.1
-1.6
-0.1
8
ENC-8
f=15kHz,
Vin=0dBd
-8.3
-6.8
-5.3
dB
SH1
f=1kHz, THD=1%, V
+=7.5V
12.0
13.0
-
Signal Handling
SH2
f=1kHz, THD=1%, V
+=9.5V
15.0
16.0
-
dB
Total Harmonic
Distortion
THD
f=1kHz, Vin=0dBd
-
0.05
0.15
%
S/N Ratio
S/N
Rg=600
Ω, CCIR/ARM
62.0
65.0
-
dB
Separation
SEP
Vin=0dBd
60.0
72.0
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com