Electronic Components Datasheet Search
  English  ▼

X  

MAX212 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX212
Description  Programmable DTE/DCE, 5V RS-232 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX212 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX212 Datasheet HTML 1Page - Maxim Integrated Products MAX212 Datasheet HTML 2Page - Maxim Integrated Products MAX212 Datasheet HTML 3Page - Maxim Integrated Products MAX212 Datasheet HTML 4Page - Maxim Integrated Products MAX212 Datasheet HTML 5Page - Maxim Integrated Products MAX212 Datasheet HTML 6Page - Maxim Integrated Products MAX212 Datasheet HTML 7Page - Maxim Integrated Products MAX212 Datasheet HTML 8Page - Maxim Integrated Products MAX212 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Programmable DTE/DCE,
+5V RS-232 Transceiver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
VCC ...........................................................................-0.3V to +6V
Input Voltages
TIN, DTE/DCE, SHDN HI-Z ......................-0.3V to (VCC + 0.3V)
RIN ....................................................................................±15V
Output Voltages:
TOUT..................................................................................±15V
ROUT........................................................-0.3V to (VCC + 0.3V)
Short-Circuit (one output at a time)
TOUT to GND ...........................................................Continuous
ROUT to GND...........................................................Continuous
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) .............727mW
Wide SO (derate 12.50mW/°C above +70°C) ............1000mW
Operating Temperature Ranges:
MAX214C–I ..............................................0°C to +70°C
MAX214E–I ..........................................-40°C to +85°C
Storage Temperature Range ......................-65°C to +150°C
Lead Temperature (soldering, 10sec) .......................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = 4.5V to 5.5V, C1 to C4 = 1µF, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
MIN
TYP
MAX
UNITS
Output Short-Circuit Current
±7
±25
mA
Transmitter Output Resistance
300
300k
Ω
Output Voltage Swing
±5.0
±7.5
V
Logic Input Pull-Up Current
110
50
µA
Input Voltage Operating Range
±15
V
Positive Threshold Input Low
0.8
1.3
V
Positive Threshold Input High
1.8
2.4
V
Logic Input Threshold Low
0.8
1.4
V
Logic Input Threshold High
1.4
2.0
V
0.2
0.5
1.0
V
Negative Threshold Input Low
0.8
1.3
V
Negative Threshold Input High
1.3
2.4
V
Negative Threshold Input
Hysteresis
0.2
0.4
1.0
V
Input Resistance
100
300
k
Ω
TTL/CMOS Output Voltage Low
0.2
0.4
V
TTL/CMOS Output Voltage High
3.5
VCC - 0.2
V
CONDITIONS
VCC = 5V, normal operation, SHDN = 0V (no hysteresis
in shutdown)
VOUT = 0V
TA = +25°C, VCC = 5V
VCC = V+ = V- = 0V, VOUT = ±2V (Note 1)
All transmitter outputs loaded with 3k
Ω to ground
Normal operation
TA = +25°C, VCC = 5V
VCC = 5V, normal operation, SHDN = 0V (no hysteresis
in shutdown)
TA = +25°C, VCC = 5V, normal operation, SHDN = 0V
TA = +25°C, VCC = 5V, normal operation, SHDN = 0V
HI-Z = 5V or SHDN = 5V
IOUT = 3.2mA
IOUT = -1.0mA
Shutdown, SHDN = 5V
Shutdown, SHDN = 5V
Shutdown
±0.01
±1
Normal operation, SHDN = 0V
-2.6
-1.9
-1.5
-0.2
Normal operation, SHDN = 0V
HI-Z = 0V and SHDN = 0V
35
7
Positive Threshold Input
Hysteresis
RS-232 TRANSMITTERS
RS-232 RECEIVERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com