Electronic Components Datasheet Search
  English  ▼

X  

MAX213 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX213
Description  Broadband, Two-Output, Low-Noise Amplifier for TV Tuner Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX213 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX213 Datasheet HTML 1Page - Maxim Integrated Products MAX213 Datasheet HTML 2Page - Maxim Integrated Products MAX213 Datasheet HTML 3Page - Maxim Integrated Products MAX213 Datasheet HTML 4Page - Maxim Integrated Products MAX213 Datasheet HTML 5Page - Maxim Integrated Products MAX213 Datasheet HTML 6Page - Maxim Integrated Products MAX213 Datasheet HTML 7Page - Maxim Integrated Products MAX213 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Broadband, Two-Output, Low-Noise
Amplifier for TV Tuner Applications
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +4.75V to +5.25V, TA = -40°C to +85°C, RBIAS = 15k
Ω ±1%; no input signals applied. Typical values are at VCC = +5V,
TA = +25°C, unless otherwise noted.)
AC ELECTRICAL CHARACTERISTICS
(MAX2130 EV kit, VCC = +4.75V to +5.25V, RBIAS = 15k
Ω ±1%, fIN = 500MHz, ZO = 75Ω. Typical values are at VCC = +5V,
TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
BIAS, OUT2 to GND .....................................-0.3 to (VCC + 0.3V)
IN Input Power................................................................+15dBm
OUT1 to GND ...........................................................-0.3V to +6V
OUT2 Short-Circuit Duration ......................................Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX-EP (derate 15.4mW/°C above +70°C) ........1.2W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
4.75
5.25
V
TA = +25
°C
93
104
RBIAS = 30k
Ω
49
Supply Current
BIAS = unconnected
10
mA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LOW-NOISE AMPLIFIER (LNA)
Operating Frequency Range
44
878
MHz
Gain
(Note 2)
13.4
15
16.6
dB
Gain Flatness
TA = -40
°C to +85°C (Note 2)
0.8
dB
Noise Figure
2.8
3.2
dB
2.7
Input 1dB Compression Point
VCC = +3.5V (Note 3)
2.1
dBm
Input Third-Order Intercept Point
(Note 4)
17.5
dBm
Input Second-Order Intercept
Point
(Note 5)
27
dBm
IN Return Loss
(Notes 2, 6)
7.4
8.6
dB
OUT1 Return Loss
fIN = 44MHz to 878MHz
8.7
dB
Maximum Load for Stable
Operation
Any load
OUT1 to IN Isolation
(Note 2)
18
21
dB
CAUTION! ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com