Electronic Components Datasheet Search
  English  ▼

X  

HTA20 Datasheet(PDF) 6 Page - International Rectifier

Part # HTA20
Description  200V Input, Single/Dual Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTA20 Datasheet(HTML) 6 Page - International Rectifier

Back Button HTA20 Datasheet HTML 2Page - International Rectifier HTA20 Datasheet HTML 3Page - International Rectifier HTA20 Datasheet HTML 4Page - International Rectifier HTA20 Datasheet HTML 5Page - International Rectifier HTA20 Datasheet HTML 6Page - International Rectifier HTA20 Datasheet HTML 7Page - International Rectifier HTA20 Datasheet HTML 8Page - International Rectifier HTA20 Datasheet HTML 9Page - International Rectifier HTA20 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
www.irf.com
HTA-SERIES
(185°C, 200V Input, Single/Dual Output)
Fig 2. Block Diagram - Single Output
Fig 3. Block Diagram - Dual Output
Input
Filter
Bias
Supply
1
Output
Filter
Current
Sense
Error Amp.
&
Ref.
8
7
6
2
4
11
Control
5
Vfb
Drive
DC
Input
Inhibit
Input
Return
Sync
Input
Sync
Output
+Output
Output
Return
Trim
10
9
+Sense
-Sense
3
Case
12
N/C
Input
Filter
Bias
Supply
1
Output
Filter
Output
Filter
Current
Sense
Error
Amp.
&
Ref.
8
7
6
2
4
9
11
Control
5
Vfb
Drive
DC
Input
Enable
Input
Return
Sync
Input
Sync
Output
+Output
- Output
Output
Return
Trim
12 N/C
3
Case
10 N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com