Electronic Components Datasheet Search
  English  ▼

X  

HTB2800S Datasheet(PDF) 10 Page - International Rectifier

Part # HTB2800S
Description  HIGH TEMPERATURE HYBRID DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTB2800S Datasheet(HTML) 10 Page - International Rectifier

Back Button HTB2800S_15 Datasheet HTML 3Page - International Rectifier HTB2800S_15 Datasheet HTML 4Page - International Rectifier HTB2800S_15 Datasheet HTML 5Page - International Rectifier HTB2800S_15 Datasheet HTML 6Page - International Rectifier HTB2800S_15 Datasheet HTML 7Page - International Rectifier HTB2800S_15 Datasheet HTML 8Page - International Rectifier HTB2800S_15 Datasheet HTML 9Page - International Rectifier HTB2800S_15 Datasheet HTML 10Page - International Rectifier HTB2800S_15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
www.irf.com
HTB28XXS
(185°C, 28V Input, Single Output)
Case Outline
Pin Designation
Pin No.
Designation
Pin No.
Designation
1
Positive Input
5
Positive Output
2
Input Return
6
Output Return
3
Inhibit
7
N/C
4
Sync.In
8
Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com