Electronic Components Datasheet Search
  English  ▼

X  

MAX221 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX221
Description  5V, 1uA, Single RS-232 Transceiver with AutoShutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX221 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX221 Datasheet HTML 1Page - Maxim Integrated Products MAX221 Datasheet HTML 2Page - Maxim Integrated Products MAX221 Datasheet HTML 3Page - Maxim Integrated Products MAX221 Datasheet HTML 4Page - Maxim Integrated Products MAX221 Datasheet HTML 5Page - Maxim Integrated Products MAX221 Datasheet HTML 6Page - Maxim Integrated Products MAX221 Datasheet HTML 7Page - Maxim Integrated Products MAX221 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
+5V, 1µA, Single RS-232 Transceiver
with AutoShutdown
6
_______________________________________________________________________________________
Table 1. Output Control Truth Table
1
No
Shutdown
(AutoShutdown)
High-Z
1
High-Z
0
1
1
1
OPERATION
STATUS
X
0
VALID
RECEIVER
LEVEL
EN
X
Shutdown
(Forced Off)
X
Normal Operation
(Forced On)
X
0
Yes
Normal Operation
(AutoShutdown)
No
Yes
0
0
High-Z
Active
Active
High-Z
TOUT
Active
High-Z
Active
0
FORCEOFF
1
0
1
1
1
1
High-Z
High-Z
Active
Active
ROUT
High-Z
Active
Active
X
FORCEON
1
X
1
0
0
0
X = Don’t care
RS-232 SIGNAL PRESENT
AT RECEIVER INPUT
INVALID OUTPUT
Yes
High
No
Low
Table 2. INVALID Truth Table
+0.3V
-0.3V
INVALID
TO MAX221
POWER SUPPLY
AND TRANSMITTER
RIN
* TRANSMITTER IS DISABLED, REDUCING SUPPLY CURRENT TO 1
µA IF
RECEIVER INPUT IS BETWEEN +0.3V AND -0.3V FOR AT LEAST 30
µs.
30
µs
COUNTER
R
+2.7V
-2.7V
INVALID
TO MAX221
POWER SUPPLY
RIN
* TRANSMITTER IS ENABLED IF:
RECEIVER INPUT IS GREATER THAN +2.7V OR LESS THAN -2.7V;
RECEIVER INPUT HAS BEEN BETWEEN +0.3V AND -0.3V FOR LESS THAN 30
µs.
30µs
COUNTER
R
Figure 2b. Transmitter Enabled Using AutoShutdown
Figure 2a. Entering 1µA Supply Mode via AutoShutdown
FORCEOFF
POWER DOWN
INVALID
FORCEON
INVALID IS AN INTERNALLY GENERATED SIGNAL USED BY
THE AUTOSHUTDOWN LOGIC AND APPEARS AS AN OUTPUT.
POWER DOWN IS ONLY AN INTERNAL SIGNAL. IT CONTROLS THE
OPERATIONAL STATUS OF THE TRANSMITTER AND POWER SUPPLIES.
Figure 2c. AutoShutdown Logic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com