Electronic Components Datasheet Search
  English  ▼

X  

IR2104 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2104
Description  HALF-BRIDGE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2104 Datasheet(HTML) 1 Page - International Rectifier

  IR2104 Datasheet HTML 1Page - International Rectifier IR2104 Datasheet HTML 2Page - International Rectifier IR2104 Datasheet HTML 3Page - International Rectifier IR2104 Datasheet HTML 4Page - International Rectifier IR2104 Datasheet HTML 5Page - International Rectifier IR2104 Datasheet HTML 6Page - International Rectifier IR2104 Datasheet HTML 7Page - International Rectifier IR2104 Datasheet HTML 8Page - International Rectifier IR2104 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet No. PD60046-S
Typical Connection
Product Summary
VOFFSET
600V max.
IO+/-
130 mA / 270 mA
VOUT
10 - 20V
ton/off (typ.)
680 & 150 ns
Deadtime (typ.)
520 ns
HALF-BRIDGE DRIVER
Features
• Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
• Gate drive supply range from 10 to 20V
• Undervoltage lockout
• 3.3V, 5V and 15V input logic compatible
• Cross-conduction prevention logic
• Internally set deadtime
• High side output in phase with input
• Shut down input turns off both channels
• Matched propagation delay for both channels
• Also available LEAD-FREE
Description
The IR2104(S) are high voltage, high speed power
MOSFET and IGBT drivers with dependent high and low
side referenced output channels. Proprietary HVIC and
latch immune CMOS technologies enable ruggedized
monolithic construction. The logic input is compatible with standard CMOS or LSTTL output, down to 3.3V logic.
The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. The
floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side configuration which
operates from 10 to 600 volts.
www.irf.com
1
IR2104(S)&(PbF)
V
CC
V
B
V
S
HO
LO
COM
IN
SD
SD
IN
up to 600V
TO
LOAD
V
CC
(Refer to Lead Assignment for correct pin configuration) This/These diagram(s) show electrical
connections only. Please refer to our Application Notes and DesignTips for proper circuit board layout.
Packages
8 Lead PDIP
IR2104
8 Lead SOIC
IR2104S


Similar Part No. - IR2104

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2104 IRF-IR2104 Datasheet
137Kb / 14P
HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR2104 INFINEON-IR2104 Datasheet
138Kb / 14P
HALF-BRIDGE DRIVER
logo
International Rectifier
IR2104PBF IRF-IR2104PBF Datasheet
137Kb / 14P
HALF-BRIDGE DRIVER
IR2104S IRF-IR2104S Datasheet
137Kb / 14P
HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR2104S INFINEON-IR2104S Datasheet
138Kb / 14P
HALF-BRIDGE DRIVER
More results

Similar Description - IR2104

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
IRS2103 IRF-IRS2103_15 Datasheet
1Mb / 14P
HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
logo
Infineon Technologies A...
IR2109 INFINEON-IR2109 Datasheet
357Kb / 25P
HALF-BRIDGE DRIVER
IR2111 INFINEON-IR2111 Datasheet
167Kb / 15P
HALF-BRIDGE DRIVER
Data Sheet No. PD60028-M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com